Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CS Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS8415A-CS
Description  96 kHz DIGITAL AUDIO INTERFACE RECEIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CS Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS8415A-CS Datasheet HTML 34Page - Cirrus Logic CS8415A-CS Datasheet HTML 35Page - Cirrus Logic CS8415A-CS Datasheet HTML 36Page - Cirrus Logic CS8415A-CS Datasheet HTML 37Page - Cirrus Logic CS8415A-CS Datasheet HTML 38Page - Cirrus Logic CS8415A-CS Datasheet HTML 39Page - Cirrus Logic CS8415A-CS Datasheet HTML 40Page - Cirrus Logic CS8415A-CS Datasheet HTML 41Page - Cirrus Logic CS8415A-CS Datasheet HTML 42Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
CS8415A
38
15. APPENDIX B: CHANNEL STATUS AND
USER DATA BUFFER MANAGEMENT
15.1
AES3 Channel Status (C) Bit
Management
The CS8415A contains sufficient RAM to store a
full block of C data for both A and B channels (192
x 2 = 384 bits), and also 384 bits of U information.
The user may read from these buffer RAMs
through the control port.
The buffering scheme involves 2 block-sized buff-
ers, named D and E, as shown in Figure 15. The
MSB of each byte represents the first bit in the se-
rial C data stream. For example, the MSB of byte 0
(which is at control port address 20h) is the con-
sumer/professional bit for channel status block A.
The first buffer (D) accepts incoming C data from
the AES receiver. The 2nd buffer (E) accepts entire
blocks of data from the D buffer. The E buffer is
also accessible from the control port, allowing
reading of the C data.
15.2
Accessing the E buffer
The user can monitor the incoming data by reading
the E buffer, which is mapped into the register
space of the CS8415A, through the control port.
The user can configure the interrupt enable regis-
ter to cause interrupts to occur whenever D to E
buffer transfers occur. This allows determination of
the allowable time periods to interact with the E
buffer.
Also provided is a D to E inhibit bit. This may be
used whenever “long” control port interactions are
occurring.
A flowchart for reading the E buffer is shown in
Figure 16. Since a D to E interrupt just occurred af-
ter reading, there is a substantial time interval until
the next D to E transfer (approximately 24 frames
worth of time). This is usually plenty of time to ac-
cess the E data without having to inhibit the next
transfer.
15.2.1
Reserving the first 5 bytes in the E
buffer
D to E buffer transfers periodically overwrite the
data stored in the E buffer. The CS8415A has the
capability of reserving the first 5 bytes of the E buff-
er for user writes only. When this capability is in
use, internal D to E buffer transfers will NOT affect
the first 5 bytes of the E buffer. Therefore, the user
can set values in these first 5 E bytes once, and the
settings will persist until the next user change. This
mode is enabled using the Channel Status Data
Buffer Control register.
Control Port
From
AES3
Receiver
E
24
words
8-bits
8-bits
AB
D
Received
Data
Buffer
Figure 15. Channel Status Data Buffer Structure
DtoE interrupt occurs
Optionally set D to E inhibit
Read E data
If set, clear D to E inhibit
Return
Figure 16. Flowchart for Reading the E Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com