Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CS Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS8415A-CS
Description  96 kHz DIGITAL AUDIO INTERFACE RECEIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CS Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS8415A-CS Datasheet HTML 34Page - Cirrus Logic CS8415A-CS Datasheet HTML 35Page - Cirrus Logic CS8415A-CS Datasheet HTML 36Page - Cirrus Logic CS8415A-CS Datasheet HTML 37Page - Cirrus Logic CS8415A-CS Datasheet HTML 38Page - Cirrus Logic CS8415A-CS Datasheet HTML 39Page - Cirrus Logic CS8415A-CS Datasheet HTML 40Page - Cirrus Logic CS8415A-CS Datasheet HTML 41Page - Cirrus Logic CS8415A-CS Datasheet HTML 42Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
CS8415A
39
15.2.2
Serial Copy Management System
(SCMS)
In software mode, the CS8415A allows read ac-
cess to all the channel status bits. For consumer
mode SCMS compliance, the host microcontroller
needs to read and interpret the Category Code,
Copy bit and L bit appropriately.
In hardware mode, the SCMS protocol can be fol-
lowed by either using the COPY and ORIG output
pins, or by using the C bit serial output pin. These
options are documented in the hardware mode
section of this data sheet.
15.2.3
Channel Status Data E Buffer
Access
The E buffer is organized as 24 x 16-bit words. For
each word the MS Byte is the A channel data, and
the LS Byte is the B channel data (see Figure 15).
There are two methods of accessing this memory,
known as one byte mode and two byte mode. The
desired mode is selected by setting a control regis-
ter bit.
15.2.3.1 One Byte mode
In many applications, the channel status blocks for
the A and B channels will be identical. In this situ-
ation, if the user reads a byte from one of the chan-
nel's blocks, the corresponding byte for the other
channel will be the same. One byte mode takes ad-
vantage of the often identical nature of A and B
channel status data. When reading data in one
byte mode, a single byte is returned, which can be
from channel A or B data, depending on a register
control bit.
One byte mode saves the user substantial control
port access time, as it effectively accesses 2 bytes
worth of information in 1 byte's worth of access
time. If the control port's autoincrement addressing
is used in combination with this mode, multi-byte
accesses such as full-block reads can be done es-
pecially efficiently.
15.2.3.2 Two Byte mode
There are those applications in which the A and B
channel status blocks will not be the same, and the
user is interested in accessing both blocks. In
these situations, two byte mode should be used to
access the E buffer.
In this mode, a read will cause the CS8415A to out-
put two bytes from its control port. The first byte out
will represent the A channel status data, and the
2nd byte will represent the B channel status data.
15.3
AES3 User (U) Bit Management
Entire blocks of U data are buffered using a cas-
cade of 2 block-sized RAMs to perform the buffer-
ing. The user has access to the second of these
buffers, denoted the E buffer, through the control
port. The U buffer access only operates in two byte
mode, since there is no concept of A and B blocks
for user data. The arrangement of the data is as fol-
lowings:
Bit15[A7]Bit14[B7]Bit13[A6]Bit12[B6]...Bit1[A0]Bit
0[B0]. The arrangement of the data in the each
byte is that the MSB is the first received bit and is
the first transmitted bit. The first byte read is the
first byte received, and the first byte sent is the first
byte transmitted. If you read two bytes from the E
buffer, you will get the following arrangement:
A[7]B[7]A[6]B[6]....A[0]B[0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com