Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CS Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS8415A-CS
Description  96 kHz DIGITAL AUDIO INTERFACE RECEIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CS Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS8415A-CS Datasheet HTML 10Page - Cirrus Logic CS8415A-CS Datasheet HTML 11Page - Cirrus Logic CS8415A-CS Datasheet HTML 12Page - Cirrus Logic CS8415A-CS Datasheet HTML 13Page - Cirrus Logic CS8415A-CS Datasheet HTML 14Page - Cirrus Logic CS8415A-CS Datasheet HTML 15Page - Cirrus Logic CS8415A-CS Datasheet HTML 16Page - Cirrus Logic CS8415A-CS Datasheet HTML 17Page - Cirrus Logic CS8415A-CS Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
CS8415A
14
5. AES3 RECEIVER
The CS8415A includes an AES3 digital audio re-
ceiver. A comprehensive buffering scheme pro-
vides read access to the channel status and user
data. This buffering scheme is described in Appen-
dix B.
The AES3 receiver accepts and decodes audio
and digital data according to the AES3, IEC60958
(S/PDIF), and EIAJ CP-1201 interface standards.
The receiver consists of a differential input stage,
driven through pins RXP0 and RXN0, a PLL based
clock recovery circuit, and a decoder which sepa-
rates the audio data from the channel status and
user data.
External components are used to terminate and
isolate
the
incoming
data
cables
from
the
CS8415A. These components are detailed in Ap-
pendix A.
5.1
7:1 S/PDIF Input Multiplexer
The CS8415A employs a 7:1 S/PDIF Input Multi-
plexer to accommodate up to seven channels of in-
put digital audio data. Digital audio data is single-
ended and input through the RXP0-6 pins. When
any portion of the multiplexer is implemented, un-
used RXP pins should be tied to ground, and
RXN0 must be ac-coupled to ground. The multi-
plexer select line control is accessed through bits
MUX2:0 in the Control 2 register. The multiplexer
defaults to RXP0. Therefore, the default configura-
tion is for a differential signal to be input through
RXP0 & RXN0. Please see Appendix A for recom-
mended input circuits.
5.2
OMCK System Clock Mode
A special clock switching mode is available that al-
lows the clock that is input through the OMCK pin
to be output through the RMCK pin. This feature is
controlled by the SWCLK bit in register 1 of the
control registers. When the PLL loses lock, the fre-
quency of the VCO drops to 300 kHz. The clock
switching mode allows the clock input through
OMCK to be used as a clock in the system without
any disruption when the PLL loses lock, for exam-
ple, when the input is removed from the receiver.
When SWCLK is enabled and this mode is imple-
mented, RMCK is an output and is not bi-direction-
al. This clock switching is done glitch free. Please
note that internal circuitry associated with RMCK is
not driven by OMCK. This means that OSCLK and
OLRCK continue to be derived from the PLL and
are not usable in this mode. This function is avail-
able only in software mode.
5.3
PLL, Jitter Attenuation, and
Varispeed
Please see Appendix C for general description of
the PLL, selection of recommended PLL filter com-
ponents, and layout considerations. Figure 5
shows the recommended configuration of the two
capacitors and one resistor that comprise the PLL
filter.
5.4
Error Reporting and Hold Function
While decoding the incoming AES3 data stream,
the CS8415A can identify several kinds of error, in-
dicated in the Receiver Error register. The UN-
LOCK bit indicates whether the PLL is locked to
the incoming AES3 data. The V bit reflects the cur-
rent validity bit status. The CONF (confidence) bit
is the logical OR of BIP and UNLOCK. The BIP (bi-
phase) error bit indicates an error in incoming bi-
phase coding. The PAR (parity) bit indicates a re-
ceived parity error.
The error bits are "sticky": they are set on the first
occurrence of the associated error and will remain
set until the user reads the register through the
control port. This enables the register to log all un-
masked errors that occurred since the last time the
register was read.
The Receiver Error Mask register allows masking
of individual errors. The bits in this register serve
as masks for the corresponding bits of the Receiv-
er Error Register. If a mask bit is set to 1, the error
is unmasked, which implies the following: its occur-
rence will be reported in the receiver error register,
induce a pulse on RERR, invoke the occurrence of
a RERR interrupt, and affect the current audio
sample according to the status of the HOLD bits.
The HOLD bits allow a choice of holding the previ-
ous sample, replacing the current sample with zero
(mute), or not changing the current audio sample.
If a mask bit is set to 0, the error is masked, which
implies the following: its occurrence will not be re-
ported in the receiver error register, will not induce
a pulse on RERR or generate a RERR interrupt,
and will not affect the current audio sample. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com