Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CS Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS8415A-CS
Description  96 kHz DIGITAL AUDIO INTERFACE RECEIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CS Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS8415A-CS Datasheet HTML 29Page - Cirrus Logic CS8415A-CS Datasheet HTML 30Page - Cirrus Logic CS8415A-CS Datasheet HTML 31Page - Cirrus Logic CS8415A-CS Datasheet HTML 32Page - Cirrus Logic CS8415A-CS Datasheet HTML 33Page - Cirrus Logic CS8415A-CS Datasheet HTML 34Page - Cirrus Logic CS8415A-CS Datasheet HTML 35Page - Cirrus Logic CS8415A-CS Datasheet HTML 36Page - Cirrus Logic CS8415A-CS Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
CS8415A
33
12. APPLICATIONS
12.1
Reset, Power Down and Start-up
When RST is low, the CS8415A enters a low pow-
er mode and all internal states are reset, including
the control port and registers, and the outputs are
muted. When RST is high, the control port be-
comes operational and the desired settings should
be loaded into the control registers. Writing a 1 to
the RUN bit will then cause the part to leave the low
power state and begin operation. After the PLL has
settled, the serial audio outputs will be enabled.
Some options within the CS8415A are controlled
by a start-up mechanism. During the reset state,
some of the output pins are reconfigured internally
to be inputs. Immediately upon exiting the reset
state, the level of these pins is sensed. The pins
are then switched to be outputs. This mechanism
allows output pins to be used to set alternative
modes in the CS8415A by connecting a 47 K
Ω re-
sistor to between the pin and either VL+ (HI) or
DGND (LO). For each mode, every start-up option
select pin MUST have an external pull-up or pull-
down resistor. In software mode, the only start-up
option pin is EMPH, which is used to set a chip ad-
dress bit for the control port in I2C mode. The hard-
ware mode uses many start-up options, which are
detailed in the hardware definition section at the
end of this data sheet.
12.2
ID Code and Revision Code
The CS8415A has a register that contains a 4-bit
code to indicate that the addressed device is a
CS8415A. This is useful when other CS84XX fam-
ily members are resident in the same system, al-
lowing common software modules.
The CS8415A 4-bit revision code is also available.
This allows the software driver for the CS8415A to
identify which revision of the device is in a particu-
lar system, and modify its behavior accordingly. To
allow for future revisions, it is strongly recommend
that the revision code is read into a variable area
within the microcontroller, and used wherever ap-
propriate as revision details become known.
12.3
Power Supply, Grounding, and PCB
layout
For most applications, the CS8415A can be oper-
ated from a single +5 V supply, following normal
supply decoupling practices, see Figure 5. Note
that the I2C protocol is supported only in 5V mode.
For applications where the recovered input clock,
output on the RMCK pin, is required to be low jitter,
then use a separate, quiet, analog +5 V supply for
VA+, decoupled to AGND. In addition, a separate
region of analog ground plane around the FILT,
AGND, VA+, RXP0-6 and RXN0 pins is recom-
mended.
Extensive use of power and ground planes, ground
plane fill in unused areas and surface mount de-
coupling capacitors are recommended. Decou-
pling capacitors should be mounted on the same
side of the board as the CS8415A to minimize in-
ductance effects, and all decoupling capacitors
should be as close to the CS8415A as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com