Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CS Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS8415A-CS
Description  96 kHz DIGITAL AUDIO INTERFACE RECEIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CS Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS8415A-CS Datasheet HTML 7Page - Cirrus Logic CS8415A-CS Datasheet HTML 8Page - Cirrus Logic CS8415A-CS Datasheet HTML 9Page - Cirrus Logic CS8415A-CS Datasheet HTML 10Page - Cirrus Logic CS8415A-CS Datasheet HTML 11Page - Cirrus Logic CS8415A-CS Datasheet HTML 12Page - Cirrus Logic CS8415A-CS Datasheet HTML 13Page - Cirrus Logic CS8415A-CS Datasheet HTML 14Page - Cirrus Logic CS8415A-CS Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
CS8415A
11
3. GENERAL DESCRIPTION
The CS8415A is a monolithic CMOS device which
receives and decodes audio data according to the
AES3, IEC60958, S/PDIF, and EIAJ CP1201 inter-
face standards.
Input data is either differential or single-ended. A
low jitter clock is recovered from the incoming data
using a PLL. The decoded audio data is output
through a configurable, 3-wire output port. The
channel status and user data are assembled in
block sized buffers and may be accessed through
an SPI or I2C microcontroller port. For systems
with no microcontroller, a stand alone mode allows
direct access to channel status and user data out-
put pins.
Target applications include AVR, CD-R, DAT,
DVD, multimedia speakers, MD and VTR equip-
ment, mixing consoles, digital audio transmission
and receiving equipment, high quality D/A and A/D
converters, effects processors, set-top TV boxes,
and computer audio systems.
Figure 5 shows the supply and external connec-
tions to the CS8415A, when configured for opera-
tion with a microcontroller.
3.1
AES3 and S/PDIF Standards
Documents
This data sheet assumes that the user is familiar
with the AES3 and S/PDIF data formats. It is advis-
able to have current copies of the AES3 and
IEC60958 specifications on hand for easy refer-
ence.
The latest AES3 standard is available from the Au-
dio Engineering Society or ANSI at www.aes.org or
www.ansi.org. Obtain the latest IEC60958 stan-
dard from ANSI or from the International Electro-
technical Commission at www.iec.ch. The latest
EIAJ CP-1201 standard is available from the Jap-
anese Electronics Bureau.
Cirrus Logic Application Note 22: Overview of Dig-
ital Audio Interface Data Structures contains a use-
ful tutorial on digital audio specifications, but it
should not be considered a substitute for the stan-
dards.
The paper An Understanding and Implementation
of the SCMS Serial Copy Management System for
Digital Audio Transmission, by Clifton Sanchez, is
an excellent tutorial on SCMS. It is available from
the AES as preprint 3518.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com