Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CS Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS8415A-CS
Description  96 kHz DIGITAL AUDIO INTERFACE RECEIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CS Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS8415A-CS Datasheet HTML 24Page - Cirrus Logic CS8415A-CS Datasheet HTML 25Page - Cirrus Logic CS8415A-CS Datasheet HTML 26Page - Cirrus Logic CS8415A-CS Datasheet HTML 27Page - Cirrus Logic CS8415A-CS Datasheet HTML 28Page - Cirrus Logic CS8415A-CS Datasheet HTML 29Page - Cirrus Logic CS8415A-CS Datasheet HTML 30Page - Cirrus Logic CS8415A-CS Datasheet HTML 31Page - Cirrus Logic CS8415A-CS Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
CS8415A
28
9. PIN DESCRIPTION - SOFTWARE MODE
SDA/CDOUT
AD0/CS
EMPH
RXP0
RXN0
VA+
AGND
FILT
RST
RMCK
RERR
RXP1
28
27
26
25
*24
*23
*22
*21
20
19
*18
*17
*16
15
1
2
3*+
4*
5*
6*
7*
8*
9*
10*
11*
12
13
14
SCL/CCLK
AD1/CDIN
H/S
V+
DGND
OMCK
U
INT
SDOUT
OLRCK
OSCLK
* Pins which remain the same function in all modes.
+ Pins which require a pull up or pull down resistor
to select the desired startup option.
RXP2
RXP3
RXP4
RXP6
RXP5
L
SDA/CDOUT
1
Serial Control Data I/O (I2C) / Data Out (SPI) (Input/Output) - In I2C mode, SDA is the control I/O data
line. SDA is open drain and requires an external pull-up resistor to VL+. In SPI mode, CDOUT is the out-
put data from the control port interface on the CS8415A
AD0/CS
2
Address Bit 0 (I2C) / Control Port Chip Select (SPI) (Input) - A falling edge on this pin puts the
CS8415A into SPI control port mode. With no falling edge, the CS8415A defaults to I2C mode. In I2C
mode, AD0 is a chip address pin. In SPI mode, CS is used to enable the control port interface on the
CS8415A
EMPH
3
Pre-Emphasis (Output) - EMPH is low when the incoming Channel Status data indicates 50/15
µs pre-
emphasis. EMPH is high when the Channel Status data indicates no pre-emphasis or indicates pre-
emphasis other than 50/15
µs. This is also a start-up option pin, and requires a 47 kΩ resistor to either
VL+ or DGND, which determines the AD2 address bit for the control port in I2C mode
RXP0
RXN0
4
5
AES3/SPDIF Receiver Port (Input) - Differential line receiver inputs carrying AES3 data. RXP0 may be
used as a single-ended input as part of 7:1 S/PDIF Input MUX. If RXP0 is used in MUX, RXN0 must be
ac coupled to ground.
RXP1
RXP2
RXP3
RXP4
RXP5
RXP6
12
13
14
15
25
26
Additional AES3/SPDIF Receiver Port (Input) - Single-ended receiver inputs carrying AES3 or S/PDIF
digital data. These inputs, along with RXP0, comprise the 7:1 S/PDIF Input Multiplexer and select line
control is accessed using the MUX2:0 bits in the Control 2 register. Please note that any unused inputs
should be tied to ground. See Appendix A for recommended input circuits.
VA+
6
Positive Analog Power (Input) - Positive supply for the analog section. Nominally +5 V. This supply
should be as quiet as possible since noise on this pin will directly affect the jitter performance of the
recovered clock
AGND
7
Analog Ground (Input) - Ground for the analog circuitry in the chip. AGND and DGND should be con-
nected to a common ground area under the chip.
FILT
8
PLL Loop Filter (Output) - An RC network should be connected between this pin and ground. See
“Appendix C: PLL Filter” on page 40 for recommended schematic and component values.
RST
9
Reset (Input) - When RST is low, the CS8415A enters a low power mode and all internal states are
reset. On initial power up, RST must be held low until the power supply is stable, and all input clocks are
stable in frequency and phase. This is particularly true in hardware mode with multiple CS8415A devices
where synchronization between devices is important



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com