Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CS Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS8415A-CS
Description  96 kHz DIGITAL AUDIO INTERFACE RECEIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CS Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS8415A-CS Datasheet HTML 9Page - Cirrus Logic CS8415A-CS Datasheet HTML 10Page - Cirrus Logic CS8415A-CS Datasheet HTML 11Page - Cirrus Logic CS8415A-CS Datasheet HTML 12Page - Cirrus Logic CS8415A-CS Datasheet HTML 13Page - Cirrus Logic CS8415A-CS Datasheet HTML 14Page - Cirrus Logic CS8415A-CS Datasheet HTML 15Page - Cirrus Logic CS8415A-CS Datasheet HTML 16Page - Cirrus Logic CS8415A-CS Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
CS8415A
13
MSB
LSB
Left
Right
MSB
I S
(Out)
OLRCK
OSCLK
SDOUT
OLRCK
OSCLK
SDOUT
2
Left
Justified
(Out)
MSB
LSB
OLRCK
OSCLK
SDOUT
MSB
LSB
MSB
Left
Right
AES3
Direct
(Out)
VZ
UC
LSB
LSB
VZ
UC
Right
Justified
(Out)
OLRCK
OSCLK
SDOUT
MSB
LSB
MSB
LSB
MSB
Left
Right
MSB
LSB
Left
Right
LSB
MSB
LSB
MSB Extended
MSB Extended
MSB Ex
Figure 6. Serial Audio Output Example Formats
X = don’t care to match format, but does need to be set to the desired setting
* See Serial Output Data Format Register Bit Descriptions for an explanation of the meaning of each bit
SOMS*
SOSF*
SORES[1:0]*
SOJUST*
SODEL*
SOSPOL* SOLRPOL*
Left Justified
X
X
XX
0
0
0
0
I2S
X
X
XX
010
1
Right Justified
1
X
XX
1
0
0
0
AES3 Direct
X
X
11
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com