Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2007 Datasheet(PDF) 9 Page - Vicor Corporation

Part # PI2007
Description  Universal High Side Active ORing Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2007 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PI2007 Datasheet HTML 5Page - Vicor Corporation PI2007 Datasheet HTML 6Page - Vicor Corporation PI2007 Datasheet HTML 7Page - Vicor Corporation PI2007 Datasheet HTML 8Page - Vicor Corporation PI2007 Datasheet HTML 9Page - Vicor Corporation PI2007 Datasheet HTML 10Page - Vicor Corporation PI2007 Datasheet HTML 11Page - Vicor Corporation PI2007 Datasheet HTML 12Page - Vicor Corporation PI2007 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Picor Corporation • picorpower.com
PI2007
Rev 1.3
Page 9 of 19
Figure 13: PI2007 performance in response to a fault (input short), configured for a +48V application as shown in
Figure 17.
Application Information:
The PI2007 is designed to replace ORing diodes in
high
current
redundant
power
architectures.
Replacing a traditional diode with a PI2007 controller
IC and a low on-state resistance N-channel MOSFET
will result in significant power dissipation reduction as
well as board space reduction, efficiency improvement
and additional protection features.
This section
describes in detail the procedure to follow when
designing with the PI2007 Active ORing controller and
N-Channel MOSFETs.
Two different Active ORing
design examples are presented.
VC Bias:
The PI2007 has a separate input (VC) that provides
power to the control circuitry, the charge pump and
the gate driver. An internal regulator clamps the VC
voltage (VVC-SGND) to 11.7V.
A bypass ceramic
capacitor (CVC = 1μF) has to be connected between
VC and SGND to hold VVC-SGND steady. Also, the Gate
turn off return (PGND) should be connected to SGND
at the CVC termination to keep SGND noise free when
the Gate is turned off in response to a fault.
In 12V system applications, where the input voltage
(Vin) is between 10V and 14V, connect the VR pin to
Vin and connect SGND and PGND to the Vin return.
A 420Ω internal resistor is connected between the VR
pin and the VC pin.
In high voltage applications, above 14V, a bias
resistor (RPG) and low current low forward voltage
drop Schottky diode are required.
Connect one
terminal of RPG to the SGND and PGND and the other
terminal to ground (Vin return). The Schottky diode
anode will be connected to the SGND pin and its
cathode connected at the VC pin. See typical
application drawings on page 1.
Recommended Schottky:
PMEG3005AEA
: from NXP or equivalent
RPG selection for input voltage greater than 14V:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com