Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2007 Datasheet(PDF) 11 Page - Vicor Corporation

Part # PI2007
Description  Universal High Side Active ORing Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2007 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button PI2007 Datasheet HTML 7Page - Vicor Corporation PI2007 Datasheet HTML 8Page - Vicor Corporation PI2007 Datasheet HTML 9Page - Vicor Corporation PI2007 Datasheet HTML 10Page - Vicor Corporation PI2007 Datasheet HTML 11Page - Vicor Corporation PI2007 Datasheet HTML 12Page - Vicor Corporation PI2007 Datasheet HTML 13Page - Vicor Corporation PI2007 Datasheet HTML 14Page - Vicor Corporation PI2007 Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Picor Corporation • picorpower.com
PI2007
Rev 1.3
Page 11 of 19
MAX
B
Z
MAX
Z
MIN
in
Z
I
I
V
V
R
_
_
_
Where:
MIN
in
V
_
: Min input voltage
MAX
Z
V
_
: Zener diode maximum breakdown voltage
Z
I :
Zener diode required reverse current
MAX
B
I
_
: Q2 required maximum base current which
calculated from the following equation:
MIN
FE
MAX
C
MAX
B
h
I
I
_
_
_
MAX
C
I
_
: Q2 maximum expected collector current.
MIN
FE
h
_
:Q2 minimum gain.
Fault Indication:
FT is an open collector output and its return is
referenced to SGND. When SGND is referenced to
system ground, FT should be pulled up to the logic
voltage via a re
sistor (10KΩ). When the SGND pin is
floating on a bias resistor (RPG) or in a constant
current circuit, a level shift circuit can be added to
make the FT pin output referenced to the system
ground.
See Figure 19. Leave FT unconnected if
not used.
Note that in case of an input fault condition, where
the input voltage (Vin) and the VC pin are at
ground and the SN pin is at a high voltage, a
parasitic path between SN and VC will draw bias
current (leakage current) from the output as a
function of the voltage between SN and grounded
VC (VSN-GND) based on the following equation:
PAR
GND
SN
Lg
SN
R
V
V
I
12
_
Where:
Lg
SN
I
_
:
SN leakage current during input short
GND
SN
V
: Voltage difference between SN pin (or load
voltage) and ground.
PAR
R
:
Resistor in the parasitic path, 10KΩ typical
and 8kΩ minimum
Figure 15: SN leakage current vs. SN voltage during
input fault condition (input short)
N-Channel MOSFET Selection:
Several factors affect MOSFET selection including
cost, on-state resistance (RDS(on)), DC current rating,
short pulse current rating, avalanche rating, power
dissipation,
thermal
conductivity,
drain-to-source
breakdown voltage (BVdss),
gate-to-source voltage
rating (Vgs), and gate threshold voltage (Vgs(TH)).
The first step is to select a suitable MOSFET based on
the BVdss requirement for the application. The BVdss
voltage rating should be higher than the applied Vin
voltage plus expected transient voltages.
Stray
parasitic inductance in the circuit can also contribute
to significant transient voltage conditions, particularly
during MOSFET turn-off after a reverse current fault
has been detected.
In Active ORing applications when one of the input
power sources is shorted, a large reverse current is
sourced from the circuit output through the MOSFET.
Depending on the output impedance of the system,
the reverse current may get very high in some
conditions before the MOSFET is turned off.
Make
sure that the MOSFET pulse current capability can
withstand the peak current.
Such high current
conditions will store energy even in a small parasitic
element. Note that PI2007 has a very fast response
time to a fault condition achieving 80ns typical and
150ns maximum.
This fast response time will
minimize the reverse peak current to keep stored
energy and MOSFET avalanche energy very low to
avoid damage (breakdown) to the MOSFET.
Peak current during input short is calculated as
follows, assuming that the output has very low
impedance and it is not a limiting factor:
PARASITIC
RVS
S
PEAK
L
t
V
I
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com