Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2007 Datasheet(PDF) 14 Page - Vicor Corporation

Part # PI2007
Description  Universal High Side Active ORing Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2007 Datasheet(HTML) 14 Page - Vicor Corporation

Back Button PI2007 Datasheet HTML 10Page - Vicor Corporation PI2007 Datasheet HTML 11Page - Vicor Corporation PI2007 Datasheet HTML 12Page - Vicor Corporation PI2007 Datasheet HTML 13Page - Vicor Corporation PI2007 Datasheet HTML 14Page - Vicor Corporation PI2007 Datasheet HTML 15Page - Vicor Corporation PI2007 Datasheet HTML 16Page - Vicor Corporation PI2007 Datasheet HTML 17Page - Vicor Corporation PI2007 Datasheet HTML 18Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Picor Corporation • picorpower.com
PI2007
Rev 1.3
Page 14 of 19
Typical application Example 2:
Requirement:
+48V High Side Redundant
Bus Voltage = +48V (+36V to +60V, 100V for 100ms
transient)
Load Current = 5A load (assume through each
redundant path)
Maximum Ambient Temperature = 60°C
Solution:
A single PI2007 with a suitable MOSFET for each
redundant +48V power source should be used and
configured as shown in Figure 17 or Figure 18. Figure
17 is configured with the VC biased from the return
line through a bias resistor. Figure 18 is configured
with the VC biased from the return line through the
constant current circuit.
Select a suitable N-Channel MOSFET:
Select the
N-Channel MOSFET with voltage rating higher than
the input voltage, Vin, plus any expected transient
voltages, with a low RDS(on) that is capable of
supporting the full load current with margin. For
instance, a 100V rated MOSFET with 10A current
capability is suitable. An exemplary MOSFET having
these characteristic is IRF7853PbF from International
Rectifier.
From the IRF7853PbF datasheet:
N-Channel MOSFET
VDS= 100V
ID = 8.3A maximum continuous drain current at
25°C
ID-PULSE = 66A pulsed drain current
VGS(MAX) =
 20V
RθJA= 50°C/W on 1in
2 copper, t ≤ 10seconds
RθJA for continuous operation not provided
RDS(on)=14.4mΩ typical at VGS=10V, TJ=25°C
RDS(on)=18mΩ maximum at VGS=10V, TJ=25°C
Reverse current threshold is:
mA
m
mV
R
reverse
Vth
reverse
Is
on
DS
333
18
6
.
.
)
(
Power dissipation:
Rds(on) is 18mΩ maximum at 25°C & 10Vgs and will
increase as the temperature increases. Add 20°C to
maximum ambient temperature to compensate for the
temperature rise due to power dissipation. At 80°C
(60°C + 20°C) Rds(on) will increase by 40%.
m
m
R
on
DS
2
.
25
40
.
1
18
)
(
maximum at 80°C
Maximum Junction temperature
C
m
A
W
C
C
T
J
5
.
91
2
.
25
)
0
.
5
(
50
60
2
max
Recalculate maximum RDS(on) at 95°C.
At 95°C Rds(on) will increase by 50%:
m
m
R
on
DS
27
50
.
1
18
)
(
maximum at 95°C
Maximum Junction temperature after 10s
C
m
A
W
C
C
T
J
75
.
93
27
)
0
.
5
(
50
60
2
max
For continuous operation refer the MOSFET
datasheet for RθJA under continuous operation and
plug it in place of 50°C/W.
VC Bias: Since the bus voltage is higher than 14V,
connect VC pin to the high side of the input voltage
and connect a bias resistor (RPG) or a constant current
circuit between PI2007 SGND pin and ground (Vin
return), as shown in Figure 17 and Figure 18. Place a
low forward voltage drop Schottky diode and a 1μF
ceramic capacitor between SGND pin and VC pin.
Also connect PGND pin to SGND at the coupling
capacitor terminal.
Recommended Schottky: PMEG3005AEA from NXP
or equivalent
RPG selection:
k
mA
mA
V
V
mA
I
V
V
R
Max
VC
CLMMax
VC
VC
PG
19
.
11
1
.
0
0
.
2
5
.
12
36
1
.
0
_
min
Select RPG=11kΩ 1%
RPG maximum power dissipation:
mW
k
V
V
R
V
V
PdR
PG
CLMMin
VC
VC
PG
218
11
11
60
)
(
2
2
max
Use ¼ W Resistor in 1206 package
Figure 17: PI2007 in high side +48V application, VC
is biased through a bias resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com