Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2007 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI2007
Description  Universal High Side Active ORing Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2007 Datasheet(HTML) 4 Page - Vicor Corporation

  PI2007 Datasheet HTML 1Page - Vicor Corporation PI2007 Datasheet HTML 2Page - Vicor Corporation PI2007 Datasheet HTML 3Page - Vicor Corporation PI2007 Datasheet HTML 4Page - Vicor Corporation PI2007 Datasheet HTML 5Page - Vicor Corporation PI2007 Datasheet HTML 6Page - Vicor Corporation PI2007 Datasheet HTML 7Page - Vicor Corporation PI2007 Datasheet HTML 8Page - Vicor Corporation PI2007 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Picor Corporation • picorpower.com
PI2007
Rev 1.3
Page 4 of 19
Electrical Specifications (Continued)
Unless otherwise specified: -40
C < T
J < 125C, VC =10.5V, VR open, CVc = 1uF, CGATE_PGND = 1nF,
SGND=PGND=0V
Parameter
Symbol
Min
Typ
Max
Units
Conditions
DIFFERENTIAL AMPLIFIER AND COMPARATORS (Continued)
Gate Enable Threshold
VRVS-EN
+1
+6
+11
mV
VSN = 10.5V @ 25°C
Reverse Comparator Threshold
VRVS-TH
-11
-6
-2
mV
VSN = 10.5V @ 25°C
Reverse Comparator Hysteresis
VRVS-HY
10
12
14
mV
VSN = 10.5V @ 25°C
Reverse Fault to Gate Turn-off
Response Time
tRVS
80
150
ns
VSP-SN = +50mV to -50mV
step to 90% of VG max
Forward Comparator Threshold
VFWD-TH
250
275
300
mV
VSN = 10.5V @ 25°C
Forward Comparator Hysteresis
VFWD-HY
15
25
35
mV
VSN = 10.5V @ 25°C
GATE DRIVER
Gate Source Current
IG-SC
-20
-15
μA
VG=VG-Hi –1V, IVC=3mA
Pull Down Peak Current to PGND(1)
IG-PGND
1.5
4.0
A
Pull-down Gate Resistance to
PGND(1)
RG-PGND
0.3
VG-PGND = 1.5V @ 25C
AC Gate Pull-down Voltage to
PGND(1)
VG-PGND
0.2
V
DC Gate Pull-down Voltage
VG-SGND
0.8
1.2
V
IG=100mA, in reverse fault
Gate Drive Voltage to VC
VG-Hi
7.0
8.0
11
V
IG =-20μA, IVC=3mA
8.0
9.0
11
V
IG =-2μA, IVC=3mA
Gate Fall Time
tG-F
10
25
ns
90% to 10% of VG max.
Gate Voltage
VG-UVLO
0.7
1
V
IG =10μA, SP= SN=open
VC = 4.5V
0.7
1
V
IG =10μA, SP=0V; VC=0V
5.5V ≤ SN ≤ 80V
GATE DRIVER (VR pin connected to Vin, VC pin to bypass capacitor Figure 1)
Gate Drive Voltage to VR
VG-Hi
4.5
7.0
9.5
V
IG =-20μA, 10V VR
14V
5.0
8.0
9.5
V
IG =-2μA, 10V VR
14V
Fault Status: FT
Fault Output Low Voltage
FT
V
0.2
0.5
V
IFT =1.5mA, VC > 4.5V
Fault Output High Source Current
IFT
-1
μA
VFT=14V, VSP-SN > +6mV
Fault Delay time
TFT-DLY
4
8
16
μs
VSP-SN = ± 50mV step to
90% of VGST max
Note 1: These parameters are not production tested but are guaranteed by design, characterization, and
correlation with statistical process control.
Note 2: Current sourced by a pin is reported with a negative sign.
Note 3: Refer to the VC Bias section in the Application Information for details on the VC requirement to meet the
MOSFET VGS requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com