Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2007 Datasheet(PDF) 10 Page - Vicor Corporation

Part # PI2007
Description  Universal High Side Active ORing Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2007 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button PI2007 Datasheet HTML 6Page - Vicor Corporation PI2007 Datasheet HTML 7Page - Vicor Corporation PI2007 Datasheet HTML 8Page - Vicor Corporation PI2007 Datasheet HTML 9Page - Vicor Corporation PI2007 Datasheet HTML 10Page - Vicor Corporation PI2007 Datasheet HTML 11Page - Vicor Corporation PI2007 Datasheet HTML 12Page - Vicor Corporation PI2007 Datasheet HTML 13Page - Vicor Corporation PI2007 Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Picor Corporation • picorpower.com
PI2007
Rev 1.3
Page 10 of 19
Select the resistor (RPG) value at the minimum input
voltage to avoid a voltage drop that may reduce VVC-
SGND lower than VC under voltage lockout.
Select the value of RPG using the following equations:
mA
I
V
V
R
Max
VC
CLMMax
VC
VC
PG
1
.
0
_
min
RPG maximum power dissipation:
PG
CLMMin
VC
VC
PG
R
V
V
PdR
2
max
)
(
Where:
min
VC
V
:
VC pin minimum applied voltage with
respect to Vin return
max
VC
V
:
VC pin maximum applied voltage with
respect to Vin return
CLMMax
VC
V
: Controller maximum clamp voltage, 12.5V
CLMMin
VC
V
: Controller minimum clamp voltage, 11.0V
Max
VC
I
_
: Controller maximum bias current, use
2.0mA plus 0.1mA for margin
Example: 40V <VVC <50V
k
mA
V
V
mA
I
V
V
R
Max
VC
CLMMax
VC
VC
PG
1
.
13
1
.
2
5
.
12
40
1
.
0
_
min
mW
k
V
V
R
V
V
PdR
PG
CLMMin
VC
VC
PG
116
1
.
13
11
50
)
(
2
2
max
Alternative
Bias
Circuit
with
Device
Enable:
Constant current circuit
In a wide operating input voltage range the size of RPG
may be become large to support power dissipation. A
simple constant current circuit can be used instead of
RPG to reduce power dissipation and can be used as a
device enable.
As shown in Figure 14, the constant current circuit
consists of an NPN transistor (Q2), Zener diode DZ,
current limit resistor (RLIMIT) and Zener bias resistor
(RZ). RLIMIT and RZ can be very low power resistors
and Q2 is a signal transistor where its Collector-
Emitter Voltage (VCEO) is equal or greater than the
input operating voltage and supports 2.5mA at the
operating input voltage.
Figure 14: Constant current bias circuit
Pulling the Q2 base (EN) to the system return (RTN)
will turn off the transistor and the controller returns
(SGND pin and PGND pin) will float and eventually
the MOSFET will be turned off.
An open collector
device can be used to enable and disable the PI2007.
The constant current circuit should guarantee current
greater than the PI2007 maximum Quiescent current
(IVC), 2.0mA.
RLIMIT can be calculated from the following equation:
MAX
VC
BE
MIN
Z
LIMIT
I
on
V
V
R
_
_
)
(
Where:
MIN
Z
V
_
: Minimum Zener diode voltage
)
(on
V
BE
: Q2 Base-Emitter On maximum voltage, for
default use
)
(on
V
BE
=0.7V
MAX
VC
I
_
: PI2007 Quiescent Current, maximum
IVC=2.0mA
Zener Diode Selection:
Select a Zener diode with a low reverse current
requirement to minimize RZ. Zener diodes with higher
break down voltage will have lower reverse current
and reduce Q2 collector current variation.
Zener
diodes with a breakdown voltage of 6V and higher will
require
low
bias
current
and
accurate
voltage
breakdown.
RZ maximum value can be calculated with the
following equation:
Note that the surface mount resistors have limited
operating voltage capability.
Be sure to pick a
resistor package that can meet the maximum
operating voltage (Vin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com