Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2007 Datasheet(PDF) 17 Page - Vicor Corporation

Part # PI2007
Description  Universal High Side Active ORing Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2007 Datasheet(HTML) 17 Page - Vicor Corporation

Back Button PI2007 Datasheet HTML 11Page - Vicor Corporation PI2007 Datasheet HTML 12Page - Vicor Corporation PI2007 Datasheet HTML 13Page - Vicor Corporation PI2007 Datasheet HTML 14Page - Vicor Corporation PI2007 Datasheet HTML 15Page - Vicor Corporation PI2007 Datasheet HTML 16Page - Vicor Corporation PI2007 Datasheet HTML 17Page - Vicor Corporation PI2007 Datasheet HTML 18Page - Vicor Corporation PI2007 Datasheet HTML 19Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Picor Corporation • picorpower.com
PI2007
Rev 1.3
Page 17 of 19
Layout Recommendation:
Use the following general guidelines when designing
printed circuit boards. An example of the typical land
pattern for a DFN PI2007 and SO-8/PowerPak
MOSFET is shown in Figure 21 and Figure 22:
It is best to connect the gate of the MOSFET to
the GATE pin of the controller with a short trace. A
gate resistor (RG) is added to slow down the gate
turn off if needed.
The VC bypass capacitor should be located as
close as possible to the VC and SGND pins.
Place the PI2007 and VC bypass capacitor on the
same layer of the board.
The VC pin and CVC
PCB trace should not contain any vias.
In an application where SGND is floating, a low
forward voltage drop Schottky diode has to be
added in parallel with CVC to protect the controller
during an input voltage short fault.
PGND pin of the controller carries high peak
current during gate pull down, Connect PGND pin
with a wide trace to the CVC terminal at SGND.
Make sure that SGND trace and PGND trace
connect only at CVC terminal.
Connections from the SP and SN pins to the
MOSFET source and drain pins respectively
should be as short as possible
Connect all MOSFET source pins together with a
wide trace to reduce trace parasitics and to
accommodate the high current input. Similarly,
connect all MOSFET Drain pins together with a
wide trace to accommodate the high current
output.
Figure 21: PI2007 controller and MOSFET layout
recommendation in a floating application.
Figure 22: PI2007 controller and MOSFET layout
recommendation in a non-floating application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com