Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2007 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI2007
Description  Universal High Side Active ORing Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2007 Datasheet(HTML) 2 Page - Vicor Corporation

  PI2007 Datasheet HTML 1Page - Vicor Corporation PI2007 Datasheet HTML 2Page - Vicor Corporation PI2007 Datasheet HTML 3Page - Vicor Corporation PI2007 Datasheet HTML 4Page - Vicor Corporation PI2007 Datasheet HTML 5Page - Vicor Corporation PI2007 Datasheet HTML 6Page - Vicor Corporation PI2007 Datasheet HTML 7Page - Vicor Corporation PI2007 Datasheet HTML 8Page - Vicor Corporation PI2007 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Picor Corporation • picorpower.com
PI2007
Rev 1.3
Page 2 of 19
Pin Description
Pin Name
Pin
Number
Description
PGND
1
Gate Turn Off Switch Return: This pin is the high current return path for the gate driver
during turn off. Connect this pin to the low side of the VC coupling capacitor and SGND.
GATE
2
Gate Drive Output: This pin drives the gate of the external N-channel MOSFET. Under
normal operating conditions and when VSP-SN > 6mV, the GATE pin pulls high to
approximately 2*VC with respect to the SGND pin. The controller turns the gate off
during a reverse current fault that is below the reverse voltage threshold (-6mV) and
when VC is in Under Voltage (7.15V).
VC
3
Controller Input Supply: This pin is the supply pin for the control circuitry and gate
driver. Connect a
1μF capacitor between the VC pin and the SGND pin. Voltage on this
pin is regulated to 11.7V with respect to SGND by an internal shunt regulator. For high
voltage supply applications connect a shunt resistor between the SGND and PGND pins
and the supply return, as shown in Figure 2.
SGND
4
VC Return: This pin is the return (ground) for the control circuitry. Connect this pin to
the low side of VC decoupling capacitor.
VR
5
Controller Input Supply With Limiting Resistor: This pin is connected internally to VC
through a
420Ω resistor needed for Bus voltages greater than 10V and less than 14V.
Leave this pin open if unused.
SP
6
Positive Sense Input: Connect SP pin to the Source pin of the external N-channel
MOSFETs. The polarity of the voltage difference between SP and SN provides an
indication of current flow direction through the MOSFET.
NC
7, 10
Not Connected: Leave pins floating.
SN
8
Negative Sense Input: Connect SN to the Drain pin of the external N-channel MOSFET.
The polarity of the voltage difference between SP and SN provides an indication of
current flow direction through the MOSFET.
FT
9
Fault Status Output: This open collector pin pulls low to indicate one of the several
potential fault conditions may exist. The FT pin will pull low after a reverse or forward
fault has been detected
with a defined delay time (8μs). In addition, the FT pin will pull
low when the controller input voltage is below the VC under-voltage threshold VVC-SGND <
7V. When VVC-SGND > 7.15V and 6mV < VSP-SN < 275mV this pin clears (High). In high
voltage applications this output must be translated with reference to the system return
with external circuitry, see Figure 19. Leave this pin open if unused.
Package Pin-Outs
10 Lead DFN (3mm x 3mm)
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com