Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2007 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PI2007
Description  Universal High Side Active ORing Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2007 Datasheet(HTML) 3 Page - Vicor Corporation

  PI2007 Datasheet HTML 1Page - Vicor Corporation PI2007 Datasheet HTML 2Page - Vicor Corporation PI2007 Datasheet HTML 3Page - Vicor Corporation PI2007 Datasheet HTML 4Page - Vicor Corporation PI2007 Datasheet HTML 5Page - Vicor Corporation PI2007 Datasheet HTML 6Page - Vicor Corporation PI2007 Datasheet HTML 7Page - Vicor Corporation PI2007 Datasheet HTML 8Page - Vicor Corporation PI2007 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Picor Corporation • picorpower.com
PI2007
Rev 1.3
Page 3 of 19
Absolute Maximum Ratings
Note: All voltage nodes are referenced to SGND
VR
-0.3V to 17.3V / 40mA
SP, FT
-0.3V to 17.3V / 10mA
GATE
-0.3V to 24V / 5A peak
PGND
-0.3V to 3V / 5A peak
SGND, VC
40mA
SN (Continuous, TA ≤ 85°C)
-0.3V to 80V / 10mA
SN (100ms Pulse, TA ≤ 85°C)
100V / 10mA
Storage Temperature
-65
oC to 150oC
Operating Junction Temperature
-40
oC to 140°C
Soldering Temperature for 20 seconds
260
oC
ESD Rating
2kV HBM
Electrical Specifications
Unless otherwise specified: -40
C < T
J < 125C, VC =10.5V, VR open, CVc = 1uF, CGATE_PGND = 1nF,
SGND=PGND=0V
Parameter
Symbol
Min
Typ
Max
Units
Conditions
VC Supply
Operating Supply Range
(3)
VVC-SGND
8.5
10.5
V
No VC limiting Resistor
Quiescent Current
IVC
1.5
2.0
mA
VC = 10.5V
VC Clamp Voltage
VVC-CLM
11
11.7
12.5
V
IVC=3mA
VC Clamp Shunt Resistance
RVC
10
Delta IVC=10mA
VC Under-Voltage Rising Threshold
VVCUVR
6.1
7.15
8.0
V
VC Under-Voltage Falling Threshold
VVCUVF
6
7.00
7.9
V
VC Under-Voltage Hysteresis
VVCUV-HS
100
150
200
mV
VR Supply (VR pin connected to Vin, VC pin to bypass capacitor Figure 1) Recommended for 12V Bus
applications
Operating Supply Range
VVR-SGND
10
14
V
Biased from VR pin
Quiescent Current
IVR
3.0
5.5
10
mA
VR = 14V
Bias Resistor
RBias
300
420
550
Ω
DIFFERENTIAL AMPLIFIER AND COMPARATORS
Common Mode Input Voltage
VCM
-3
3
V
SP to VC, SN to VC
Differential Operating Input Voltage
(1)
VSP-SN
-80
400
mV
SP-SN
SP Input Bias Current
ISP
35
55
75
μA
SP=SN=VC
SN Input Bias Current
ISN
35
55
75
μA
SP=SN=VC
SN Leakage Current
ISN_Lg
7
9
mA
VSN = 80V,SP=VC=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com