Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2007 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI2007
Description  Universal High Side Active ORing Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2007 Datasheet(HTML) 1 Page - Vicor Corporation

  PI2007 Datasheet HTML 1Page - Vicor Corporation PI2007 Datasheet HTML 2Page - Vicor Corporation PI2007 Datasheet HTML 3Page - Vicor Corporation PI2007 Datasheet HTML 4Page - Vicor Corporation PI2007 Datasheet HTML 5Page - Vicor Corporation PI2007 Datasheet HTML 6Page - Vicor Corporation PI2007 Datasheet HTML 7Page - Vicor Corporation PI2007 Datasheet HTML 8Page - Vicor Corporation PI2007 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Picor Corporation • picorpower.com
PI2007
Rev 1.3
Page 1 of 19
PI2007
Cool-ORing
® Series
Universal High Side Active ORing Controller IC
Description
The PI2007 Cool-ORing
®
solution is a universal
high-speed Active ORing controller IC designed for
use with N-channel MOSFETs in redundant power
system
architectures.
The
PI2007
Cool-ORing
controller enables an extremely low power loss
solution
with
fast
dynamic
response
to
fault
conditions, critical for high availability systems. The
PI2007 controls single or parallel MOSFETs to
address
Active
ORing
applications
protecting
against power source failures. The PI2007 has an
internal charge pump enabling an ideal solution in
12V
or
36-75V
bus
high-side
Active
ORing
applications.
The gate drive output turns the MOSFET on in
normal steady state operation, while achieving high-
speed turn-off during input power source fault
conditions, that causes reverse current flow.
The
controller auto-resets once the fault clears.
The
MOSFET drain-to-source voltage is monitored to
detect reverse current flow.
The PI2007 has an
internal charge pump to drive the gate of a high side
N-Channel MOSFET above the VC input. There is
an internal shunt regulator at the VC input for high
voltage applications.
Features
Fast dynamic response to power source failure,
with 80ns reverse current turn off delay time.
4A gate discharge current
Forward Over Current Fault indication
Accurate MOSFET drain-to-source voltage
sensing
Internal charge pump
FET check at initial power-up
100V for 100ms, operation in high side
application
VC under voltage fault detection
Applications
N+1 Redundant Power Systems
Servers & High End Computing
Telecom Systems
High-side Active ORing
High current Active ORing
Package Information
The PI2007 is offered in the following packages:
10 Lead 3mm x 3mm DFN package
Typical Applications:
Figure 1: PI2007 High Side Active ORing for 12V
Bus applications
Figure 2: PI2007 referenced to Vin in high voltage
high side Acti ve ORing applications


Similar Part No. - PI2007

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
Universal High Side Active ORing Controller IC
PI2007-EVAL1 VICOR-PI2007-EVAL1 Datasheet
1Mb / 10P
PI2007-EVAL1 48V Bus High Side Active ORing
PI2007-EVAL2 VICOR-PI2007-EVAL2 Datasheet
1Mb / 9P
PI2007-EVAL2 12V/15A High Side Active ORing
More results

Similar Description - PI2007

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
Universal Active ORing Controller IC
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
Active ORing Controller IC with Load Disconnect Feature
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
Universal Active ORing Controller IC
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
ACTIVE ORING CONTROLLER MODULE
logo
International Rectifier
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
Universal High Side Active ORing Controller IC
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
ACTIVE ORING MOSFET CONTROLLER
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com