Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2007 Datasheet(PDF) 12 Page - Vicor Corporation

Part # PI2007
Description  Universal High Side Active ORing Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2007 Datasheet(HTML) 12 Page - Vicor Corporation

Back Button PI2007 Datasheet HTML 8Page - Vicor Corporation PI2007 Datasheet HTML 9Page - Vicor Corporation PI2007 Datasheet HTML 10Page - Vicor Corporation PI2007 Datasheet HTML 11Page - Vicor Corporation PI2007 Datasheet HTML 12Page - Vicor Corporation PI2007 Datasheet HTML 13Page - Vicor Corporation PI2007 Datasheet HTML 14Page - Vicor Corporation PI2007 Datasheet HTML 15Page - Vicor Corporation PI2007 Datasheet HTML 16Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Picor Corporation • picorpower.com
PI2007
Rev 1.3
Page 12 of 19
Where:
PEAK
I
:
Peak current in the MOSFET right before it
is turned off.
S
V :
Input voltage or load voltage at MOSFET
source before input short condition did
occur.
RVS
t
:
Reverse fault to MOSFET turn-off time. This
will include PI2007 delay and the MOSFET
turn off time.
PARASITIC
L
: Circuit parasitic inductance
And the MOSFET avalanche energy during an input
short is calculated as follows:
2
)
(
)
(
*
*
3
.
1
*
*
3
.
1
*
2
1
PEAK
PARASITIC
S
DSS
BR
DSS
BR
AS
I
L
V
V
V
E
Where:
AS
E
:
Avalanche energy
DSS
BR
V
)
(
: MOSFET breakdown voltage
MOSFET RDS(on) and maximum steady state power
dissipation are closely related. Generally the lower the
MOSFET RDS(on), the higher the current capability and
the lower the resultant power dissipation. This leads to
reduced thermal management overhead, but will
ultimately be higher cost compared to higher RDS(on)
parts. It is important to understand the primary design
goal objectives
for
the
application
in
order
to
effectively trade off the performance of one MOSFET
versus another.
Power dissipation in active ORing circuits is derived
from the total source current and the on-state
resistance of the selected MOSFET
.
MOSFET power dissipation:
)
(
2
on
DS
MOSFET
R
Is
Pd
Where :
Is :
Source Current
RDS(on) : MOSFET on-state resistance
Note:
In the calculation use RDS(on) at maximum MOSFET
temperature
because
RDS(on)
is
temperature
dependent. Refer to the normalized RDS(on) curves in
the
MOSFET
manufacturers
datasheet.
Some
MOSFET RDS(on) values may increase by 50% at
125°C compared to values at 25°C.
The Junction Temperature rise is a function of power
dissipation and thermal resistance.
)
(
2
on
DS
JA
MOSFET
JA
MOSFET
R
Is
Rth
Pd
Rth
Trise
,
Where:
JA
Rth :
Junction-to-Ambient thermal resistance
RDS(on) and PI2007 sensing:
The PI2007 senses the MOSFET source-to-drain
voltage drop via the SP and SN pins to determine the
status of the current through the MOSFET. When the
MOSFET is fully enhanced, its source-to-drain voltage
is equal to the MOSFET on-state resistance multiplied
by the source current, VSD = RDS(on)*Is.
The reverse
current threshold is set for -6mV and when the
differential voltage between the SP & SN pins is more
negative than -6mV, i.e. SP-SN
-6mV, the PI2007
detects a reverse current fault condition and pulls the
MOSFET gate pin low, thus turning off the MOSFET
and preventing further reverse current. The reverse
current fault protection disconnects the power source
fault condition from the redundant bus, and allows the
system to keep running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com