Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 16 Page - Integrated Device Technology

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8P34S2108NLGI Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button 8P34S2108NLGI Datasheet HTML 12Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 13Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 14Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 15Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 16Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 17Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 18Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 19Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
©2016 Integrated Device Technology, Inc.
October 20, 2016
8P34S2108 Datasheet
Power Considerations
This section provides information on power dissipation and junction temperature for the 8P34S2108.
Equations and example calculations are also provided.
1. Power Dissipation.
The following is the power dissipation for VDD = 1.8V + 5% = 1.89V, which gives worst case results.
Maximum current at 85°C: VDD_MAX = 495mA.
▪ Power_MAX = VDD_MAX * IDD_MAX = 1.89V * 495mA = 935.55mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that
the bond wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow
and a multi-layer board, the appropriate value is 22.4°C/W per Table 11 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.93555W * 22.4°C/W = 106.0°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the
type of board (multi-layer).
Table 11. Thermal Resistance JA for 48-lead VFQFN, Forced Convection
JA (°C/W) vs. Air Flow (m/s)
Meters per Second
0
1
2
48-lead VFQFN Multi-Layer PCB, JEDEC Standard Test Boards
22.4
18.9
17.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com