Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8P34S2108NLGI Datasheet(HTML) 2 Page - Integrated Device Technology

  8P34S2108NLGI Datasheet HTML 1Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 2Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 3Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 4Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 5Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 6Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 7Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 8Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
©2016 Integrated Device Technology, Inc.
October 20, 2016
8P34S2108 Datasheet
Pin Assignments
Figure 1. Pin Assignments for 7mm x 7mm VFQFN Package – Top View
Pin Descriptions
Table 1. Pin Descriptions[a]
Number
Name
Type
Description
1
GND
Power
Power supply ground.
2
SELAB
Input [PU]
Control input. Output amplitude select for channel B.
3
CLKB
Input [PD]
Non-inverting differential clock/data input for channel B.
4
nCLKB
Input [PD/PU]
Inverting differential clock/data input for channel B.
5
VREFB
Output
Bias voltage reference for the CLKB, nCLKB input pairs.
6VDDB
Power
Power supply pins for the core and inputs of channel B.
7VDDA
Power
Power supply pins for the core and inputs of channel A.
8
VREFA
Output
Bias voltage reference for the CLKA, nCLKA input pairs.
9
nCLKA
Input [PD/PU]
Inverting differential clock/data input.
10
CLKA
Input [PD]
Non-inverting differential clock/data input.
11
SELAA
Input [PU]
Control input: Output amplitude select for channel A.
12
GND
Power
Power supply ground.
13
VDDQA
Power
Power supply pin for the channel A outputs QA[0:7].
14
QA0
Output
Differential output pair A0. LVDS interface levels.
15
nQA0
Output
Differential output pair A0. LVDS interface levels.
nQB6
nQB5
QB5
nQB4
QB4
nQB3
QB3
VDDQB
nQB7
QB7
QB6
VDDQB
QA1
QA2
nQA2
QA3
nQA3
QA4
nQA4
VDDQA
QA0
nQA0
nQA1
VDDQA
12
34
56
7
8
9
10 11 12
24
23
22
21
20
19
18
16
17
15
14
13
37
38
39
40
41
42
43
45
44
46
47
48
36 35 34 33 32 31 30 29 28 27 26 25
8P34S2108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com