Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8P34S2108NLGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 8P34S2108NLGI Datasheet HTML 2Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 3Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 4Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 5Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 6Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 7Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 8Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 9Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
©2016 Integrated Device Technology, Inc.
October 20, 2016
8P34S2108 Datasheet
Table 7. LVCMOS Inputs DC Characteristics, VDDA = VDDB = VDDQA = VDDQB = 1.8V ± 5%,
T
A = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input high voltage
SELAA, SELAB
0.75 · VDD[a]
VDD[a] + 0.3
V
VIL
Input low voltage
SELAA, SELAB
-0.3
0.25 · VDD[a]
V
IIH
Input high current
SELAA, SELAB
VIN = VDD[a] = 1.89V
10
µA
IIL
Input low current
SELAA, SELAB
VIN = 0V, VDD[a] = 1.89V
-150
µA
[a]
VDD denotes VDDA, VDDB.
Table 8. Differential Inputs Characteristics, VDDA = VDDB = VDDQA = VDDQB = 1.8V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input high current
CLKA, nCLKA
CLKB, nCLKB
VIN = VDD[a] = 1.89V
150
µA
IIL
Input low current
CLKA, CLKB
VIN = 0V, VDD[a] = 1.89V
-10
µA
nCLKA, nCLKB
VIN = 0V, VDD[a] = 1.89V
-150
µA
VREFA, B Reference voltage[b]
IREF = +100µA, VDD[a] = 1.8V
0.9
1.30
V
[a]
VDD denotes VDDA, VDDB.
[b]
VREF[A:B] specification is applicable to the AC-coupled input interfaces shown in Figure 5 and Figure 6.
Table 9. LVDS DC Characteristics, VDDA = VDDB = VDDQA = VDDQB = 1.8V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
VOD Magnitude Change
50
mV
VOS
VOS Magnitude Change
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com