Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8P34S2108NLGI Datasheet(HTML) 1 Page - Integrated Device Technology

  8P34S2108NLGI Datasheet HTML 1Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 2Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 3Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 4Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 5Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 6Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 7Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 8Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
©2016 Integrated Device Technology, Inc.
October 20, 2016
Description
The 8P34S2108 is a high-performance, low-power, differential
dual 1:8 LVDS output 1.8V fanout buffer. The device is designed
for the fanout of high-frequency, very low additive phase-noise
clock and data signals. Two independent buffer channels are
available, each channel has two low skew outputs. High isolation
between channels minimizes noise coupling. AC characteristics
such as propagation delay are matched between channels.
Guaranteed output-to-output and part-to-part skew characteristics
make the 8P34S2108 ideal for those clock distribution
applications demanding well-defined performance and
repeatability. The device is characterized to operate from a 1.8V
power supply. The integrated bias voltage references enable easy
interfacing AC-coupled signals to the device inputs.
Block Diagram
Features
▪ Dual 1:8 low skew, low additive jitter LVDS fanout buffers
▪ Matched AC characteristics across both channels
▪ High isolation between channels
▪ Low power consumption
▪ Both differential CLKA, nCLKA and CLKB, nCLKB inputs
accept LVDS, LVPECL and single-ended LVCMOS levels
▪ Maximum input clock frequency: 2GHz
▪ Output amplitudes: 350mV, 500mV (selectable)
▪ Output bank skew: 10ps typical
▪ Output skew: 20ps typical
▪ Low additive phase jitter, RMS: 45fs typical
(fREF = 156.25MHz, 12kHz - 20MHz)
▪ Full 1.8V supply voltage mode
▪ Device current consumption (IDD): 280mA typical
▪ Lead-free (RoHS 6), 48-lead VFQFN packaging
▪ -40°C to 85°C ambient operating temperature
▪ Supports case temperature up to 105°C
8P34S2108 transistor count: 1113
CLKA
nCLKA
VREFA
SELAA
Voltage
Reference A
QA0
nQA0
QA1
nQA1
QA2
nQA2
QA3
nQA3
QA4
nQA4
QA5
nQA5
QA6
nQA6
QA7
nQA7
51k
51k
51k
CLKB
nCLKB
VREFB
SELAB
Voltage
Reference B
51k
51k
51k
QB0
nQB0
QB1
nQB1
QB2
nQB2
QB3
nQB3
QB4
nQB4
QB5
nQB5
QB6
nQB6
QB7
nQB7
51k
51k
VDDB
VDDA
VDDA
VDDB
8P34S2108
Datasheet
Dual 1:8 LVDS Output 1.8V Fanout Buffer


Similar Part No. - 8P34S2108NLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8P34S2108NLGI RENESAS-8P34S2108NLGI Datasheet
958Kb / 22P
Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
March 21, 2023
8P34S2108NLGI RENESAS-8P34S2108NLGI Datasheet
978Kb / 21P
Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
November 20, 2023
8P34S2108NLGI/W RENESAS-8P34S2108NLGI/W Datasheet
958Kb / 22P
Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
March 21, 2023
8P34S2108NLGI/W RENESAS-8P34S2108NLGI/W Datasheet
978Kb / 21P
Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
November 20, 2023
8P34S2108NLGI8 RENESAS-8P34S2108NLGI8 Datasheet
958Kb / 22P
Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
March 21, 2023
More results

Similar Description - 8P34S2108NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8P34S2102 IDT-8P34S2102 Datasheet
438Kb / 19P
Dual 1:2 LVDS Output 1.8V Fanout Buffer
8P34S2104 IDT-8P34S2104 Datasheet
439Kb / 19P
Dual 1:4 LVDS Output 1.8V Fanout Buffer
8P34S2106 IDT-8P34S2106 Datasheet
423Kb / 20P
Dual 1:6 LVDS Output 1.8V Fanout Buffer
IDT8P34S1212I IDT-IDT8P34S1212I_17 Datasheet
443Kb / 19P
1:12 LVDS Output 1.8V Fanout Buffer
8P34S1102I IDT-8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
8P34S2104 IDT-8P34S2104_18 Datasheet
321Kb / 17P
Dual 1:4 LVDS Output 1.8V Fanout Buffer
8P34S2106 IDT-8P34S2106_17 Datasheet
577Kb / 25P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
IDT8P34S1102I IDT-IDT8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
logo
Renesas Technology Corp
8P34S2108 RENESAS-8P34S2108 Datasheet
958Kb / 22P
Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
March 21, 2023
8P34S1106I RENESAS-8P34S1106I Datasheet
1Mb / 17P
1:6 LVDS Output 1.8V Fanout Buffer
February 6, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com