Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8P34S2108NLGI Datasheet(HTML) 5 Page - Integrated Device Technology

  8P34S2108NLGI Datasheet HTML 1Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 2Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 3Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 4Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 5Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 6Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 7Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 8Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
©2016 Integrated Device Technology, Inc.
October 20, 2016
8P34S2108 Datasheet
Absolute Maximum Ratings
NOTE:
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to
the device. Functional operation of the 8P34S2108 at absolute maximum ratings is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
DC Electrical Characteristics
Table 4. Absolute Maximum Ratings
Item
Rating
Supply voltage, VDD[a]
[a]
VDD denotes VDDA, VDDB.
3.6V
Inputs, VI
-0.5V to 3.6V
Outputs, IO
Continuous current
Surge current
10mA
15mA
Input sink/source, IREF
±2mA
Maximum Junction Temperature, TJ,MAX
125°C
Storage Temperature, TSTG
-65°C to 150°C
ESD - Human Body Model[b]
[b]
According to JEDEC JS-001-2012/JESD22-C101E.
2000V
ESD - Charged Device Model[b]
1500V
Table 5. DC Input Characteristics
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input capacitance
2
pF
RPULLDOWN
Input pull-down resistor
51
k
RPULLUP
Input pull-up resistor
51
k
Table 6. Power Supply DC Characteristics, VDDA = VDDB = VDDQA = VDDQB = 1.8V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDDQA,
VDDQB
Power supply voltage
1.71
1.8
1.89
V
VDDQA,
VDDQB
Output supply voltage
1.71
1.8
1.89
V
IDDA +
IDDB +
IDDQA +
IDDQB
Core and output
supply current
QA[0:7], QB[0:7]
outputs terminated
100
 between nQx, Qx
500mV amplitude
400
495
mA
350mV amplitude
280
345
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com