Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8P34S2108NLGI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 8P34S2108NLGI Datasheet HTML 7Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 8Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 9Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 10Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 11Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 12Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 13Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 14Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
©2016 Integrated Device Technology, Inc.
October 20, 2016
8P34S2108 Datasheet
Wiring the Differential Input to Accept Single-Ended Levels
Figure 3 shows how a differential input can be wired to accept single ended levels. The reference voltage V1 = VDD/2 is generated by the
bias resistors R1 and R2. The bypass capacitor (C1) is used to help filter noise on the DC bias. This bias circuit should be located as
close to the input pin as possible. The ratio of R1 and R2 might need to be adjusted to position the V1in the center of the input voltage
swing. For example, if the input clock swing is 1.8V and VDD = 1.8V, R1 and R2 value should be adjusted to set V1 at 0.9V. The values
below are for when both the single ended swing and VDD are at the same voltage. This configuration requires that the sum of the output
impedance of the driver (Ro) and the series resistance (Rs) equals the transmission line impedance. In addition, matched termination at
the input will attenuate the signal in half. This can be done in one of two ways. First, R3 and R4 in parallel should equal the transmission
line impedance. For most 50
 applications, R3 and R4 can be 100. The values of the resistors can be increased to reduce the loading
for slower and weaker LVCMOS driver. When using single-ended signaling, the noise rejection benefits of differential signaling are
reduced. Even though the differential input can handle full rail LVCMOS signaling, it is recommended that the amplitude be reduced while
maintaining an edge rate faster than 1V/ns. The datasheet specifies a lower differential amplitude, however this only applies to differential
signals. For single-ended applications, the swing can be larger, however VIL cannot be less than -0.3V and VIH cannot be more than VDD
+ 0.3V. Though some of the recommended components might not be used, the pads should be placed in the layout. They can be utilized
for debugging purposes. The datasheet specifications are characterized and guaranteed by using a differential signal.
Figure 3. Recommended Schematic for Wiring a Differential Input to Accept Single-ended Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com