Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 19 Page - Integrated Device Technology

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8P34S2108NLGI Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button 8P34S2108NLGI Datasheet HTML 12Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 13Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 14Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 15Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 16Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 17Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 18Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 19Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
©2016 Integrated Device Technology, Inc.
October 20, 2016
8P34S2108 Datasheet
Marking Diagram
Ordering Information
Table 12. Ordering Information
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
8P34S2108NLGI
IDT8P34S2108NLGI
48-lead VFQFN, Lead-Free
Tray
-40°C to 85°C
8P34S2108NLGI8
IDT8P34S2108NLGI
Tape & Reel, Pin 1 Orientation:
EIA-481-C
8P34S2108NLGI/W
IDT8P34S2108NLGI
Tape & Reel, Pin 1 Orientation:
EIA-481-D/E
Table 13. Pin 1 Orientation in Tape and Reel Packaging
Part Number Suffix
Pin 1 Orientation
Illustration
8
Quadrant 1 (EIA-481-C)
/W
Quadrant 2 (EIA-481-D/E)
1. Line 1, line 2, and line 3 indicates the part number.
2. Line 4:
▪ “#” indicates stepping.
▪ “YYWW” indicates the date code (YY are the last two digits of the year, and
“WW” is a work week number that the part was assembled.
▪ “$” indicates the mark code.
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com