Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8P34S2108NLGI Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 8P34S2108NLGI Datasheet HTML 9Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 10Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 11Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 12Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 13Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 14Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 15Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 16Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
©2016 Integrated Device Technology, Inc.
October 20, 2016
8P34S2108 Datasheet
LVDS Driver Termination
For a general LVDS interface, the recommended value for the termination impedance (ZT) is between 90 and 132. The actual value
should be selected to match the differential impedance (Z0) of your transmission line. A typical point-to-point LVDS design uses a 100
parallel resistor at the receiver and a 100
 differential transmission-line environment. In order to avoid any transmission-line reflection
issues, the components should be surface mounted and must be placed as close to the receiver as possible. IDT offers a full line of LVDS
compliant devices with two types of output structures: current source and voltage source. The standard termination schematic as shown
in Figure 7 can be used with either type of output structure. Figure 8, which can also be used with both output types, is an optional
termination with center tap capacitance to help filter common mode noise. The capacitor value should be approximately 50pF. If using a
non-standard termination, it is recommended to contact IDT and confirm if the output structure is current source or voltage source type. In
addition, since these outputs are LVDS compatible, the input receiver’s amplitude and common-mode input range should be verified for
compatibility with the output.
Figure 7. Standard LVDS Termination
Figure 8. Optional LVDS Termination
LVDS
Driver
ZO  ZT
ZT
LVDS
Receiver
LVDS
Driver
ZO  ZT
LVDS
Receiver
C
ZT
2
ZT
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com