Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 15 Page - Integrated Device Technology

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8P34S2108NLGI Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button 8P34S2108NLGI Datasheet HTML 11Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 12Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 13Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 14Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 15Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 16Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 17Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 18Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
©2016 Integrated Device Technology, Inc.
October 20, 2016
8P34S2108 Datasheet
Case Temperature Considerations
This device supports applications in a natural convection environment which does not have any thermal conductivity through ambient air.
The printed circuit board (PCB) is typically in a sealed enclosure without any natural or forced air flow and is kept at or below a specific
temperature. The device package design incorporates an exposed pad (ePad) with enhanced thermal parameters which is soldered to
the PCB where most of the heat escapes from the bottom exposed pad. For this type of application, it is recommended to use the
junction-to-board thermal characterization parameter JB (Psi-JB) to calculate the junction temperature (TJ) and ensure it does not
exceed the maximum allowed junction temperature in the Absolute Maximum Rating table.
The junction-to-board thermal characterization parameter, JB, is calculated using the following equation:
TJ = TCB + JB x PD, where
TJ = Junction temperature at steady state condition in (oC).
TCB = Case temperature (Bottom) at steady state condition in (oC).
JB = Thermal characterization parameter to report the difference between junction temperature and the temperature of the board
measured at the top surface of the board.
PD = power dissipation (W) in desired operating configuration.
The ePad provides a low thermal resistance path for heat transfer to the PCB and represents the key pathway to transfer heat away from
the IC to the PCB. It’s critical that the connection of the exposed pad to the PCB is properly constructed to maintain the desired IC case
temperature (TCB). A good connection ensures that temperature at the exposed pad (TCB) and the board temperature (TB) are relatively
the same. An improper connection can lead to increased junction temperature, increased power consumption and decreased electrical
performance. In addition, there could be long-term reliability issues and increased failure rate.
Example Calculation for Junction Temperature (TJ): TJ = TCB + JB x PD
For the variables above, the junction temperature is equal to 106.1oC. Since this is below the maximum junction temperature of 125oC,
there are no long term reliability concerns. In addition, since the junction temperature at which the device was characterized using forced
convection is 122oC, this device can function without the degradation of the specified AC or DC parameters.
Package type
48 VFQFN
Body size (mm)
7 x 7 x 0.8
ePad size (mm)
5.65 x 5.65
Thermal Via
5 x 5 Matrix
JB
1.2oC/W
TCB
105oC
PD
0.9W
TJ
TCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com