Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8P34S2108NLGI Datasheet(HTML) 4 Page - Integrated Device Technology

  8P34S2108NLGI Datasheet HTML 1Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 2Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 3Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 4Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 5Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 6Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 7Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 8Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
©2016 Integrated Device Technology, Inc.
October 20, 2016
8P34S2108 Datasheet
Function Tables
46
QB7
Output
Differential output pair B7. LVDS interface levels.
47
nQB7
Output
Differential output pair B7. LVDS interface levels.
48
VDDQB
Power
Power supply pin for the channel B outputs QB[0:7].
ePad
GND_EPAD
Power
Exposed pad of package. Connect to ground.
[a]
Pull-up (PU) and pull-down (PD) resistors are indicated in parentheses. Pull-up and pull-down refers to internal input resistors.
See Table 5, DC Input Characteristics, for typical values.
Table 2. SELAA Bank A Output Amplitude Selection Table
SELAA
QA Output Amplitude (mV)
0
350
1 (default)
500
Table 3. SELAB Bank B Output Amplitude Selection Table
SELAB
QB Output Amplitude (mV)
0
350
1 (default)
500
Table 1. Pin Descriptions[a]
Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com