Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33 Datasheet(PDF) 62 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 58Page - STMicroelectronics LSM6DS33 Datasheet HTML 59Page - STMicroelectronics LSM6DS33 Datasheet HTML 60Page - STMicroelectronics LSM6DS33 Datasheet HTML 61Page - STMicroelectronics LSM6DS33 Datasheet HTML 62Page - STMicroelectronics LSM6DS33 Datasheet HTML 63Page - STMicroelectronics LSM6DS33 Datasheet HTML 64Page - STMicroelectronics LSM6DS33 Datasheet HTML 65Page - STMicroelectronics LSM6DS33 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
Register description
LSM6DS33
62/77
DocID027423 Rev 4
9.44
TIMESTAMP0_REG (40h)
Time stamp first byte data output register (r). The value is expressed as a 24-bit word and the bit
resolution is defined by setting the value in WAKE_UP_DUR (5Ch).
9.45
TIMESTAMP1_REG (41h)
Time stamp second byte data output register (r). The value is expressed as a 24-bit word and the bit
resolution is defined by setting value in WAKE_UP_DUR (5Ch).
9.46
TIMESTAMP2_REG (42h)
Time stamp third byte data output register (r/w). The value is expressed as a 24-bit word and the bit
resolution is defined by setting the value in WAKE_UP_DUR (5Ch). To reset the timer, the AAh value
has to be stored in this register.
9.47
STEP_TIMESTAMP_L (49h)
Step counter timestamp information register (r). When a step is detected, the value of
TIMESTAMP_REG1 register is copied in STEP_TIMESTAMP_L.
Table 117. TIMESTAMP0_REG register
TIMESTA
MP0_7
TIMESTA
MP0_6
TIMESTA
MP0_5
TIMESTA
MP0_4
TIMESTA
MP0_3
TIMESTA
MP0_2
TIMESTA
MP0_1
TIMESTA
MP0_0
Table 118. TIMESTAMP0_REG register description
TIMESTAMP0_[7:0]
TIMESTAMP first byte data output
Table 119. TIMESTAMP1_REG register
TIMESTA
MP1_7
TIMESTA
MP1_6
TIMESTA
MP1_5
TIMESTA
MP1_4
TIMESTA
MP1_3
TIMESTA
MP1_2
TIMESTA
MP1_1
TIMESTA
MP1_0
Table 120. TIMESTAMP1_REG register description
TIMESTAMP1_[7:0]
TIMESTAMP second byte data output
Table 121. TIMESTAMP2_REG register
TIMESTA
MP2_7
TIMESTA
MP2_6
TIMESTA
MP2_5
TIMESTA
MP2_4
TIMESTA
MP2_3
TIMESTA
MP2_2
TIMESTA
MP2_1
TIMESTA
MP2_0
Table 122. TIMESTAMP2_REG register description
TIMESTAMP2_[7:0] TIMESTAMP third byte data output
Table 123. STEP_TIMESTAMP_L register
STEP_
TIMESTA
MP_L_7
STEP_
TIMESTA
MP_L_6
STEP_
TIMESTA
MP_L_5
STEP_
TIMESTA
MP_L_4
STEP_
TIMESTA
MP_L_3
STEP_
TIMESTA
MP_L_2
STEP_
TIMESTA
MP_L_1
STEP_
TIMESTA
MP_L_0
Table 124. STEP_TIMESTAMP_L register description
STEP_TIMESTAMP_L[7:0]
Timestamp of last step detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com