Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33 Datasheet(PDF) 66 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 62Page - STMicroelectronics LSM6DS33 Datasheet HTML 63Page - STMicroelectronics LSM6DS33 Datasheet HTML 64Page - STMicroelectronics LSM6DS33 Datasheet HTML 65Page - STMicroelectronics LSM6DS33 Datasheet HTML 66Page - STMicroelectronics LSM6DS33 Datasheet HTML 67Page - STMicroelectronics LSM6DS33 Datasheet HTML 68Page - STMicroelectronics LSM6DS33 Datasheet HTML 69Page - STMicroelectronics LSM6DS33 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 77 page
background image
Register description
LSM6DS33
66/77
DocID027423 Rev 4
9.55
WAKE_UP_THS (5Bh)
Single and double-tap function threshold register (r/w).
9.56
WAKE_UP_DUR (5Ch)
Free-fall, wakeup, time stamp and sleep mode functions duration setting register (r/w).
Table 140. WAKE_UP_THS register
SINGLE_
DOUBLE
_TAP
INACTIVITY WK_THS5 WK_THS4 WK_THS3 WK_THS2 WK_THS1 WK_THS0
Table 141. WAKE_UP_THS register description
SINGLE_DOUBLE_TAP
Single/double-tap event enable. Default: 0
(0: only single-tap event enabled;
1: both single and double-tap events enabled)
INACTIVITY
Inactivity event enable. Default value: 0
(0: sleep disabled; 1: sleep enabled)
WK_THS[5:0]
Threshold for wakeup. Default value: 000000
Table 142. WAKE_UP_DUR register
FF_DUR5
WAKE_
DUR1
WAKE_
DUR0
TIMER_
HR
SLEEP_
DUR3
SLEEP_
DUR2
SLEEP_
DUR1
SLEEP_
DUR0
Table 143. WAKE_UP_DUR register description
FF_DUR5
Free fall duration event. Default: 0
For the complete configuration of the free-fall duration, refer to FF_DUR[4:0] in
FREE_FALL (5Dh) configuration.
WAKE_DUR[1:0]
Wake up duration event. Default: 00
1LSB = 1 ODR_time
TIMER_HR
Time stamp register resolution setting(1). Default value: 0
(0: 1LSB = 6.4 ms; 1: 1LSB = 25 μs)
1. Configuration of this bit affects TIMESTAMP0_REG (40h), TIMESTAMP1_REG (41h),
TIMESTAMP2_REG (42h), STEP_TIMESTAMP_L (49h), STEP_TIMESTAMP_H (4Ah), and
STEP_COUNT_DELTA (15h) registers.
SLEEP_DUR[3:0]
Duration to go in sleep mode. Default value: 0000
1 LSB = 512 ODR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com