Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33 Datasheet(PDF) 43 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 39Page - STMicroelectronics LSM6DS33 Datasheet HTML 40Page - STMicroelectronics LSM6DS33 Datasheet HTML 41Page - STMicroelectronics LSM6DS33 Datasheet HTML 42Page - STMicroelectronics LSM6DS33 Datasheet HTML 43Page - STMicroelectronics LSM6DS33 Datasheet HTML 44Page - STMicroelectronics LSM6DS33 Datasheet HTML 45Page - STMicroelectronics LSM6DS33 Datasheet HTML 46Page - STMicroelectronics LSM6DS33 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
DocID027423 Rev 4
43/77
LSM6DS33
Register description
77
9.6
FIFO_CTRL5 (0Ah)
FIFO control register (r/w).
Table 31. FIFO_CTRL5 register description
Table 30. FIFO_CTRL5 register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
ODR_
FIFO_3
ODR_
FIFO_2
ODR_
FIFO_1
ODR_
FIFO_0
FIFO_
MODE_2
FIFO_
MODE_1
FIFO_
MODE_0
ODR_FIFO_[3:0]
FIFO ODR selection, setting FIFO_MODE also. Default: 0000
For the configuration setting, refer to Table 32
FIFO_MODE_[2:0]
FIFO mode selection bits, setting ODR_FIFO also. Default value: 000
For the configuration setting refer to Table 33
Table 32. FIFO ODR selection
ODR_FIFO_[3:0]
Configuration(1)
1. If the device is working at an ODR slower than the one selected, FIFO ODR is limited to that ODR value.
Moreover, these bits are effective if the TIMER_PEDO_FIFO_DRDY bit of FIFO_CTRL2 (07h) is set to 0.
0000
FIFO disabled
0001
FIFO ODR is set to 13 Hz
0010
FIFO ODR is set to 26 Hz
0011
FIFO ODR is set to 52 Hz
0100
FIFO ODR is set to 104 Hz
0101
FIFO ODR is set to 208 Hz
0110
FIFO ODR is set to 416 Hz
0111
FIFO ODR is set to 833 Hz
1000
FIFO ODR is set to 1.66 kHz
1001
FIFO ODR is set to 3.33 kHz
1010
FIFO ODR is set to 6.66 kHz
Table 33. FIFO mode selection
FIFO_MODE_[2:0]
Configuration mode
000
Bypass mode. FIFO disabled.
001
FIFO mode. Stops collecting data when FIFO is full.
010
Reserved
011
Continuous mode until trigger is deasserted, then FIFO mode.
100
Bypass mode until trigger is deasserted, then Continuous mode.
101
Reserved
110
Continuous mode. If the FIFO is full, the new sample overwrites the older one.
111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com