Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33 Datasheet(PDF) 70 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 66Page - STMicroelectronics LSM6DS33 Datasheet HTML 67Page - STMicroelectronics LSM6DS33 Datasheet HTML 68Page - STMicroelectronics LSM6DS33 Datasheet HTML 69Page - STMicroelectronics LSM6DS33 Datasheet HTML 70Page - STMicroelectronics LSM6DS33 Datasheet HTML 71Page - STMicroelectronics LSM6DS33 Datasheet HTML 72Page - STMicroelectronics LSM6DS33 Datasheet HTML 73Page - STMicroelectronics LSM6DS33 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
Embedded functions registers description
LSM6DS33
70/77
DocID027423 Rev 4
11
Embedded functions registers description
11.1
PEDO_THS_REG (0Fh)
Table 152. PEDO_THS_REG register default values
Table 153. PEDO_THS_REG register description
Procedure to modify the pedometer minimum threshold:
Write reg FUNC_CFG_ACCESS (01h) = 80h (Enables access to the embedded
functions registers)
Set min threshold in bits [4:0] of reg 0Fh (1LSB = 16 mg @ FS = 2 g)
Write reg FUNC_CFG_ACCESS (01h) = 00h (Disables access to the embedded
functions registers)
Note:
All modifications of the content of the embedded functions registers have to be performed
with the device in power-down mode.
11.2
SM_THS (13h)
Significant motion configuration register (r/w).
PEDO_4G
-
-
THS_
MIN4
THS_
MIN3
THS_
MIN2
THS_
MIN1
THS_
MIN0
PEDO_ 4G
This bit sets the internal full scale used in pedometer functions. Using this bit,
saturation is avoided (e.g. FAST walk).
0: internal full scale = 2 g.
1: internal full scale 4 g (device full_scale @CTRL1_XL must be ≥ 4 g, otherwise
internal full scale is 2 g)
THS_ MIN[4:0]
Configurable minimum threshold. 1LSB = 16 mg @PEDO_4G=0, 1LSB = 32 mg
@PEDO_4G=1
Table 154. SM_THS register
SM_THS_
7
SM_THS_
6
SM_THS_
5
SM_THS_
4
SM_THS_
3
SM_THS_
2
SM_THS_
1
SM_THS_
0
Table 155. SM_THS register description
SM_THS[7:0]
Significant motion threshold. Default value: 00000110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com