Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33 Datasheet(PDF) 68 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 64Page - STMicroelectronics LSM6DS33 Datasheet HTML 65Page - STMicroelectronics LSM6DS33 Datasheet HTML 66Page - STMicroelectronics LSM6DS33 Datasheet HTML 67Page - STMicroelectronics LSM6DS33 Datasheet HTML 68Page - STMicroelectronics LSM6DS33 Datasheet HTML 69Page - STMicroelectronics LSM6DS33 Datasheet HTML 70Page - STMicroelectronics LSM6DS33 Datasheet HTML 71Page - STMicroelectronics LSM6DS33 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
Register description
LSM6DS33
68/77
DocID027423 Rev 4
9.59
MD2_CFG (5Fh)
Functions routing on INT2 register (r/w).
INT1_FF
Routing of free-fall event on INT1. Default value: 0
(0: routing of free-fall event on INT1 disabled;
1: routing of free-fall event on INT1 enabled)
INT1_DOUBLE
_TAP
Routing of tap event on INT1. Default value: 0
(0: routing of double-tap event on INT1 disabled;
1: routing of double-tap event on INT1 enabled)
INT1_6D
Routing of 6D event on INT1. Default value: 0
(0: routing of 6D event on INT1 disabled; 1: routing of 6D event on INT1 enabled)
INT1_TILT
Routing of tilt event on INT1. Default value: 0
(0: routing of tilt event on INT1 disabled; 1: routing of tilt event on INT1 enabled)
INT1_TIMER
Routing of end counter event of timer on INT1. Default value: 0
(0: routing of end counter event of timer on INT1 disabled;
1: routing of end counter event of timer event on INT1 enabled)
Table 148. MD1_CFG register description (continued)
Table 149. MD2_CFG register
INT2_
INACT_
STATE
INT2_
SINGLE_
TAP
INT2_WU
INT2_FF
INT2_
DOUBLE_
TAP
INT2_6D
INT2_TILT
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
Table 150. MD2_CFG register description
INT2_INACT_
STATE
Routing on INT2 of inactivity mode. Default: 0
(0: routing on INT2 of inactivity disabled; 1: routing on INT2 of inactivity enabled)
INT2_SINGLE_
TAP
Single-tap recognition routing on INT2. Default: 0
(0: routing of single-tap event on INT2 disabled;
1: routing of single-tap event on INT2 enabled)
INT2_WU
Routing of wakeup event on INT2. Default value: 0
(0: routing of wakeup event on INT2 disabled;
1: routing of wake-up event on INT2 enabled)
INT2_FF
Routing of free-fall event on INT2. Default value: 0
(0: routing of free-fall event on INT2 disabled;
1: routing of free-fall event on INT2 enabled)
INT2_DOUBLE
_TAP
Routing of tap event on INT2. Default value: 0
(0: routing of double-tap event on INT2 disabled;
1: routing of double-tap event on INT2 enabled)
INT2_6D
Routing of 6D event on INT2. Default value: 0
(0: routing of 6D event on INT2 disabled; 1: routing of 6D event on INT2 enabled)
INT2_TILT
Routing of tilt event on INT2. Default value: 0
(0: routing of tilt event on INT2 disabled; 1: routing of tilt event on INT2 enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com