Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 10Page - STMicroelectronics LSM6DS33 Datasheet HTML 11Page - STMicroelectronics LSM6DS33 Datasheet HTML 12Page - STMicroelectronics LSM6DS33 Datasheet HTML 13Page - STMicroelectronics LSM6DS33 Datasheet HTML 14Page - STMicroelectronics LSM6DS33 Datasheet HTML 15Page - STMicroelectronics LSM6DS33 Datasheet HTML 16Page - STMicroelectronics LSM6DS33 Datasheet HTML 17Page - STMicroelectronics LSM6DS33 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
Pin description
LSM6DS33
14/77
DocID027423 Rev 4
Table 2. Pin description
Pin#
Name
Function
1
VDDIO(1)
1. Recommended 100 nF filter capacitor.
Power supply for I/O pins
2
SCL
I2C serial clock (SCL)
SPI serial port clock (SPC)
3
SDA
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
4
SDO/SA0
SPI 4-wire interface serial data output (SDO)
I2C least significant bit of the device address (SA0)
5CS
I2C/SPI mode selection
(1: SPI idle mode / I2C communication enabled; 0: SPI communication
mode / I2C disabled)
6
INT2
Programmable interrupt
7
INT1
Programmable interrupt
8
RES
Reserved, connect to GND
9
RES
Reserved, connect to GND
10
RES
Reserved, connect to GND
11
RES
Reserved, connect to GND
12
GND
0 V supply
13
GND
0 V supply
14
NC
Leave unconnected
15
RES
Reserved, connect to GND
16
VDD(2)
2. Recommended 100 nF capacitor.
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com