Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33 Datasheet(PDF) 71 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 67Page - STMicroelectronics LSM6DS33 Datasheet HTML 68Page - STMicroelectronics LSM6DS33 Datasheet HTML 69Page - STMicroelectronics LSM6DS33 Datasheet HTML 70Page - STMicroelectronics LSM6DS33 Datasheet HTML 71Page - STMicroelectronics LSM6DS33 Datasheet HTML 72Page - STMicroelectronics LSM6DS33 Datasheet HTML 73Page - STMicroelectronics LSM6DS33 Datasheet HTML 74Page - STMicroelectronics LSM6DS33 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
DocID027423 Rev 4
71/77
LSM6DS33
Embedded functions registers description
77
11.3
PEDO_DEB_REG (14h)
The procedure to modify the pedometer debounce time is the following:
Write reg FUNC_CFG_ACCESS (01h) = 80h (Enables access to the embedded
functions)
Set debounce time in bits [3:7] of reg 14h (1LSB = 80 ms.This value must be > 0)
Write reg FUNC_CFG_ACCESS (01h) = 00h (Disables access to the embedded
functions registers)
Note:
All modifications of the content of the embedded functions registers have to be performed
with the device in power-down mode.
11.4
STEP_COUNT_DELTA (15h)
Time period register for step detection on delta time (r/w).
Table 156. PEDO_DEB_REG register default values
DEB_
TIME4
DEB_
TIME3
DEB_
TIME2
DEB_
TIME1
DEB_
TIME0
DEB_
STEP2
DEB_
STEP1
DEB_
STEP0
00000110
Table 157. PEDO_DEB_REG register description
DEB_ TIME[4:0]
If this time between steps is greater than DEB_TIME*80ms, the debouncer is
reactivated
DEB_ STEP[2:0] Minimum number of steps to increment step counter (debouncer)
Table 158. STEP_COUNT_DELTA register
SC_
DELTA_7
SC_
DELTA_6
SC_
DELTA_5
SC_
DELTA_4
SC_
DELTA_3
SC_
DELTA_2
SC_
DELTA_1
SC_
DELTA_0
Table 159. STEP_COUNT_DELTA register description
SC_DELTA[7:0]
Time period value(1) (1LSB = 1.6384 s)
1. This value is effective if the TIMER_EN bit of the TAP_CFG register is set to 1 and the TIMER_HR bit of
the WAKE_UP_DUR register is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com