Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 8Page - STMicroelectronics LSM6DS33 Datasheet HTML 9Page - STMicroelectronics LSM6DS33 Datasheet HTML 10Page - STMicroelectronics LSM6DS33 Datasheet HTML 11Page - STMicroelectronics LSM6DS33 Datasheet HTML 12Page - STMicroelectronics LSM6DS33 Datasheet HTML 13Page - STMicroelectronics LSM6DS33 Datasheet HTML 14Page - STMicroelectronics LSM6DS33 Datasheet HTML 15Page - STMicroelectronics LSM6DS33 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
Embedded low-power features
LSM6DS33
12/77
DocID027423 Rev 4
2
Embedded low-power features
The LSM6DS33 has been designed to be fully compliant with Android, featuring the
following on-chip functions:
 8 kbyte data buffering
100% efficiency with flexible configurations and partitioning
possibility to store time stamp
 Event-detection interrupts (fully configurable):
free-fall
wakeup
6D orientation
tap and double-tap sensing
activity / inactivity recognition
 Specific IP blocks with negligible power consumption and high-performance:
pedometer functions: step detector and step counters
tilt (Android compliant, refer to Section 2.1: Tilt detection for additional info
significant motion (Android compliant)
2.1
Tilt detection
The tilt function helps to detect activity change and has been implemented in hardware
using only the accelerometer to achieve both the targets of ultra-low power consumption
and robustness during the short duration of dynamic accelerations.
It is based on a trigger of an event each time the device's tilt changes by an angle greater
than 35 degrees from the start position.
The tilt function can be used with different scenarios, for example:
a)
Trigger when phone is in a front pants pocket and the user goes from sitting to
standing or standing to sitting;
b)
Doesn’t trigger when phone is in a front pants pocket and the user is walking,
running or going upstairs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com