Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33 Datasheet(PDF) 64 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 60Page - STMicroelectronics LSM6DS33 Datasheet HTML 61Page - STMicroelectronics LSM6DS33 Datasheet HTML 62Page - STMicroelectronics LSM6DS33 Datasheet HTML 63Page - STMicroelectronics LSM6DS33 Datasheet HTML 64Page - STMicroelectronics LSM6DS33 Datasheet HTML 65Page - STMicroelectronics LSM6DS33 Datasheet HTML 66Page - STMicroelectronics LSM6DS33 Datasheet HTML 67Page - STMicroelectronics LSM6DS33 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
Register description
LSM6DS33
64/77
DocID027423 Rev 4
9.52
TAP_CFG (58h)
Time stamp, pedometer, tilt, filtering, and tap recognition functions configuration register
(r/w).
Table 132. FUNC_SRC register description
STEP_COUNT
_DELTA_IA
Pedometer step recognition on delta time status. Default value: 0
(0: no step recognized during delta time; 1: at least one step recognized during
delta time)
SIGN_
MOTION_IA
Significant motion event detection status. Default value: 0
(0: significant motion event not detected; 1: significant motion event detected)
TILT_IA
Tilt event detection status. Default value: 0
(0: tilt event not detected; 1: tilt event detected)
STEP_
DETECTED
Step detector event detection status. Default value: 0
(0: step detector event not detected; 1: step detector event detected)
STEP_
OVERFLOW
Step counter overflow status. Default value: 0
(0: step counter value < 216; 1: step counter value reached 216)
Table 133. TAP_CFG register
TIMER_
EN
PEDO_EN
TILT_EN
SLOPE
_FDS
TAP_X_EN TAP_Y_EN TAP_Z_EN
LIR
Table 134. TAP_CFG register description
TIMER_EN
Time stamp count enable, output data are collected in TIMESTAMP0_REG (40h),
TIMESTAMP1_REG (41h), TIMESTAMP2_REG (42h) register. Default: 0
(0: time stamp count disabled; 1: time stamp count enabled)
PEDO_EN
Pedometer algorithm enable. Default value: 0
(0: pedometer algorithm disabled; 1: pedometer algorithm enabled)
TILT_EN
Tilt calculation enable. Default value: 0
(0: tilt calculation disabled; 1: tilt calculation enabled.)
SLOPE_FDS
Enable accelerometer HP and LPF2 filters (refer to Figure 5). Default value: 0
(0: disable; 1: enable)
TAP_X_EN
Enable X direction in tap recognition. Default value: 0
(0: X direction disabled; 1:X direction enabled)
TAP_Y_EN
Enable Y direction in tap recognition. Default value: 0
(0: Y direction disabled; 1:Y direction enabled)
TAP_Z_EN
Enable Z direction in tap recognition. Default value: 0
(0: Z direction disabled; 1:Z direction enabled)
LIR
Latched Interrupt. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com