Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33 Datasheet(PDF) 37 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 33Page - STMicroelectronics LSM6DS33 Datasheet HTML 34Page - STMicroelectronics LSM6DS33 Datasheet HTML 35Page - STMicroelectronics LSM6DS33 Datasheet HTML 36Page - STMicroelectronics LSM6DS33 Datasheet HTML 37Page - STMicroelectronics LSM6DS33 Datasheet HTML 38Page - STMicroelectronics LSM6DS33 Datasheet HTML 39Page - STMicroelectronics LSM6DS33 Datasheet HTML 40Page - STMicroelectronics LSM6DS33 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
DocID027423 Rev 4
37/77
LSM6DS33
Register mapping
77
8
Register mapping
The table given below provides a list of the 8/16 bit registers embedded in the device and
the corresponding addresses.
Table 16. Registers address map
Name
Type
Register address
Default
Comment
Hex
Binary
RESERVED
r/w
00
00000000
00000000
Reserved
FUNC_CFG_ACCESS
r/w
01
00000001
00000000
Embedded
functions
configuration
register
RESERVED
r/w
02-05
-
Reserved
FIFO_CTRL1
r/w
06
00000110
00000000
FIFO
configuration
registers
FIFO_CTRL2
r/w
07
00000111
00000000
FIFO_CTRL3
r/w
08
00001000
00000000
FIFO_CTRL4
r/w
09
00001001
00000000
FIFO_CTRL5
r/w
0A
00001010
00000000
ORIENT_CFG_G
r/w
0B
00001011
00000000
RESERVED
r/w
0C
00001100
-
Reserved
INT1_CTRL
r/w
0D
00001101
00000000
INT1 pin control
INT2_CTRL
r/w
0E
00001110
00000000
INT2 pin control
WHO_AM_I
r
0F
00001111
01101001
Who I am ID
CTRL1_XL
r/w
10
00010000
00000000
Accelerometer
and gyroscope
control
registers
CTRL2_G
r/w
11
00010001
00000000
CTRL3_C
r/w
12
00010010
00000100
CTRL4_C
r/w
13
00010011
00000000
CTRL5_C
r/w
14
00010100
00000000
CTRL6_C
r/w
15
00010101
00000000
CTRL7_G
r/w
16
00010110
00000000
CTRL8_XL
r/w
17
0001 0111
00000000
CTRL9_XL
r/w
18
00011000
00111000
CTRL10_C
r/w
19
00011001
00111000
RESERVED
1A
00011010
-
Reserved
WAKE_UP_SRC
r
1B
00011011
output
Interrupts
registers
TAP_SRC
r
1C
00011100
output
D6D_SRC
r
1D
00011101
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com