Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6344 Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 28Page - PMC-Sierra, Inc PM6344 Datasheet HTML 29Page - PMC-Sierra, Inc PM6344 Datasheet HTML 30Page - PMC-Sierra, Inc PM6344 Datasheet HTML 31Page - PMC-Sierra, Inc PM6344 Datasheet HTML 32Page - PMC-Sierra, Inc PM6344 Datasheet HTML 33Page - PMC-Sierra, Inc PM6344 Datasheet HTML 34Page - PMC-Sierra, Inc PM6344 Datasheet HTML 35Page - PMC-Sierra, Inc PM6344 Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
19
Pin Name
Type
Pin No.
Function
BRCLK
Input
94
Backplane Receive Clock (BRCLK). When the multiplex
enable (MENB) input is deasserted high, BRCLK is a
2.048MHz clock with optional gapping for adaptation to
non-uniform backplane data streams. BRCLK is
common to all four framers. The EQUAD may be
configured to ignore the BRCLK input and use the
RCLKO[x] signal in its place when the ELST is
bypassed or the RCLKOSEL register bit is set.
MRCLK
Multiplex Receive Clock (MRCLK). When the multiplex
enable (MENB) input is asserted low, MRCLK is a
16.384 MHz clock. MRFPI is sampled on the rising
edge of MRCLK and MRD is updated on the rising edge
of MRCLK. The multiplexed bus can not be used if the
ELST is bypassed or the RCLKOSEL register bit is set.
BRFPI
Input
93
Backplane Frame Pulse Input (BRFPI). When the
multiplex enable (MENB) input is deasserted high, this
input is used to frame align the received data to the
system backplane. BRFPI is common to all four
framers. If frame alignment only is required, a pulse at
least 1 BRCLK cycle wide must be provided on each
BRFPI every 256 bit periods.
MRFPI
Multiplexed Frame Pulse Input (MRFPI). When the
multiplex enable (MENB) input is asserted low, this input
aligns all four sets of PCM and signaling streams to
allow bit interleaved multiplexing. If frame alignment
only is required, a pulse no more than 1 MRCLK cycle
wide must be provided on each MRFPI every 2048 bit
periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com