Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6344 Datasheet(PDF) 6 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 6 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 2Page - PMC-Sierra, Inc PM6344 Datasheet HTML 3Page - PMC-Sierra, Inc PM6344 Datasheet HTML 4Page - PMC-Sierra, Inc PM6344 Datasheet HTML 5Page - PMC-Sierra, Inc PM6344 Datasheet HTML 6Page - PMC-Sierra, Inc PM6344 Datasheet HTML 7Page - PMC-Sierra, Inc PM6344 Datasheet HTML 8Page - PMC-Sierra, Inc PM6344 Datasheet HTML 9Page - PMC-Sierra, Inc PM6344 Datasheet HTML 10Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
v
REGISTERS 017H, 097H, 117H AND 197H: CHANNEL SELECT (24 TO 31) ............................98
REGISTER 018H, 098H, 118H, 198H: DJAT INTERRUPT STATUS ............................................99
REGISTER 019H, 099H, 119H, 199H: DJAT REFERENCE CLOCK DIVISOR (N1) CONTROL100
REGISTER 01AH, 09AH, 11AH, 19AH: DJAT OUTPUT CLOCK DIVISOR (N2) CONTROL.....101
REGISTER 01BH, 09BH, 11BH, 19BH: DJAT CONFIGURATION..............................................102
REGISTER 01CH, 09CH, 11CH, 19CH: ELST CONFIGURATION ............................................104
REGISTER 01DH, 09DH, 11DH, 19DH: ELST INTERRUPT STATUS .......................................105
REGISTER 01EH, 09EH, 11EH, 19EH: ELST IDLE CODE .......................................................106
REGISTER 020H, 0A0H, 120H, 1A0H: FRMR FRAME ALIGNMENT OPTIONS ......................107
REGISTER 021H, 0A1H, 121H, 1A1H: FRMR MAINTENANCE MODE OPTIONS ...................109
REGISTER 022H, 0A2H, 122H, 1A2H: FRMR FRAMING STATUS INTERRUPT ENABLE.......111
REGISTER 023H, 0A3H, 123H, 1A3H: FRMR MAINTENANCE/ALARM STATUS INTERRUPT
ENABLE.........................................................................................................................112
REGISTER 024H, 0A4H, 124H, 1A4H: FRMR FRAMING STATUS INTERRUPT INDICATION.113
REGISTER 025H, 0A5H, 125H, 1A5H: FRMR MAINTENANCE/ALARM STATUS INTERRUPT
INDICATION...................................................................................................................114
REGISTER 026H, 0A6H, 126H, 1A6H: FRMR FRAMING STATUS ...........................................115
REGISTER 027H, 0A7H, 127H, 1A7H: FRMR MAINTENANCE/ALARM STATUS ....................117
REGISTER 028H, 0A8H, 128H, 1A8H: FRMR INTERNATIONAL/NATIONAL BITS ..................119
REGISTER 029H, 0A9H, 129H, 1A9H: FRMR EXTRA BITS .....................................................120
REGISTER 02AH, 0AAH, 12AH, 1AAH: FRMR CRC ERROR COUNTER - LSB ......................121
REGISTER 02BH, 0ABH, 12BH, 1ABH: FRMR CRC ERROR COUNTER - MSB .....................122
REGISTER 02CH, 0ACH, 12CH, 1ACH: TS16 AIS ALARM STATUS.........................................123
REGISTER 030H, 0B0H, 130H, 1B0H: TPSC BLOCK CONFIGURATION ................................124
REGISTER 031H, 0B1H, 131H, 1B1H: TPSC BLOCK µP ACCESS STATUS............................125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com