Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6344 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 41Page - PMC-Sierra, Inc PM6344 Datasheet HTML 42Page - PMC-Sierra, Inc PM6344 Datasheet HTML 43Page - PMC-Sierra, Inc PM6344 Datasheet HTML 44Page - PMC-Sierra, Inc PM6344 Datasheet HTML 45Page - PMC-Sierra, Inc PM6344 Datasheet HTML 46Page - PMC-Sierra, Inc PM6344 Datasheet HTML 47Page - PMC-Sierra, Inc PM6344 Datasheet HTML 48Page - PMC-Sierra, Inc PM6344 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
32
FRMR has found CRC multiframe alignment, the PCM data is continuously
monitored for CRC multiframe alignment pattern errors, and CRC-4 errors. The
FRMR also detects and indicates loss of frame, loss of CAS multiframe, and loss
of CRC multiframe, based on user-selectable criteria. The reframe operation can
be initiated by software (via the FRMR Frame Alignment Options Register), by
excessive CRC errors, or when CRC multiframe alignment is not found within 8
ms. The FRMR also identifies the position of the frame, the CAS multiframe, and
the CRC multiframe.
The FRMR extracts timeslot 16 for optional use as a data link and also extracts
the contents of the International bits (from both the FAS frames and the NFAS
frames), the National bits, and the Extra bits (from timeslot 16 of frame 0 of the
CAS multiframe), and stores them in the FRMR International/National Bits
Register, and the FRMR Extra Bits Register respectively.
The FRMR identifies the raw bit values for the remote (or distant frame) alarm
(bit 3 in timeslot 0 of NFAS frames) and the remote signaling multiframe (or
distant multiframe) alarm (bit 6 of timeslot 16 of frame 0 of the CAS multiframe)
via the FRMR International/National Bits Register, and the FRMR Extra Bits
Register respectively. Access is also provided to the "debounced" remote alarm
and remote signaling multiframe alarm bits which are set when the
corresponding signals have been a logic 1 for 2 or 3 consecutive occurrences, as
per Recommendation O.162. Detection of AIS and timeslot 16 AIS are provided;
AIS is also integrated and an AIS Alarm is indicated if the AIS condition has
persisted for at least 100 ms. The out of frame (OOF=1) condition is also
integrated, indicating a red Alarm if the OOF condition has persisted for at least
100 ms.
An interrupt may be generated to signal a change in the state of any status bits
(OOF, OOSMF, OOCMF, AIS, or RED), and to signal when any event (RRA,
RRMA, AISD, T16AISD, COFA, FER, SMFER, CMFER, CRCE, or FEBE) has
occurred.
Frame Find
The Frame Find Block searches for frame alignment using one of two user-
selectable algorithms, as defined in Recommendation G.706. Optionally, a two
frame check sequence can be added to either algorithm to provide protection
against false frame alignment in the presence of random mimic patterns.
The first algorithm finds frame alignment by using the following sequence:
1. Search for the presence of the correct 7-bit FAS;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com