Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6344 Datasheet(PDF) 96 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 96 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 92Page - PMC-Sierra, Inc PM6344 Datasheet HTML 93Page - PMC-Sierra, Inc PM6344 Datasheet HTML 94Page - PMC-Sierra, Inc PM6344 Datasheet HTML 95Page - PMC-Sierra, Inc PM6344 Datasheet HTML 96Page - PMC-Sierra, Inc PM6344 Datasheet HTML 97Page - PMC-Sierra, Inc PM6344 Datasheet HTML 98Page - PMC-Sierra, Inc PM6344 Datasheet HTML 99Page - PMC-Sierra, Inc PM6344 Datasheet HTML 100Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
83
DBCTRL:
The DBCTRL bit is used to pass control of the data bus drivers to the CSB
pin. When the DBCTRL bit is set to logic 1, the CSB pin controls the output
enable for the data bus. While the DBCTRL bit is set, holding the CSB pin
high causes the EQUAD to drive the data bus and holding the CSB pin low
tri-states the data bus. The DBCTRL bit overrides the HIZDATA bit. The
DBCTRL bit only has effect if either the IOTST or PMCTST bit is set. The
DBCTRL bit is used to measure the drive capability of the data bus driver
pads.
IOTST:
The IOTST bit is used to allow normal microprocessor access to the test
registers and control the test mode in each block in the EQUAD for board
level testing. When IOTST is a logic 1, all blocks are held in test mode and
the microprocessor may write to a block's test mode 0 registers to manipulate
the outputs of the block and consequently the device outputs (refer to the
"Test Mode 0 Details" in the "Test Features" section).
HIZIO,HIZDATA:
The HIZIO and HIZDATA bits control the tri-state modes of the EQUAD .
While the HIZIO bit is a logic 1, all output pins of the EQUAD except the data
bus are held in a high-impedance state. The microprocessor interface is still
active. While the HIZDATA bit is a logic 1, the data bus is also held in a high-
impedance state which inhibits microprocessor read cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com