Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6344 Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 63Page - PMC-Sierra, Inc PM6344 Datasheet HTML 64Page - PMC-Sierra, Inc PM6344 Datasheet HTML 65Page - PMC-Sierra, Inc PM6344 Datasheet HTML 66Page - PMC-Sierra, Inc PM6344 Datasheet HTML 67Page - PMC-Sierra, Inc PM6344 Datasheet HTML 68Page - PMC-Sierra, Inc PM6344 Datasheet HTML 69Page - PMC-Sierra, Inc PM6344 Datasheet HTML 70Page - PMC-Sierra, Inc PM6344 Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
54
and the transmit clock driving the TRAN block when the ELST is bypassed.
When TRSLIP is set to logic 1, the transmit clock input to TRAN is internally
substituted for the BRCLK input to the system side of the ELST. When
TRSLIP is set to logic 0, the BRCLK input is routed to the system side of the
ELST. The TRSLIP bit should only be set if ELSTBYP is set to logic 1.
SRSMFP, SRCMFP:
The SRSMFP and SRCMFP bits select the output signal seen on the output
RFP[x]. RFP[x] can be used to show the frame alignment when fractional E1
extraction is being used (RFRACE1 is set to logic 1 in the DataLink Options
register and the CH[32:1] bits are set appropriately in the Channel Select
registers). The following table summarizes the four configurations:
SRSMFP
SRCMFP
Result
0
0
Receive frame pulse output:
RFP[x] pulses high for 1 RCLKO[x] cycle during bit
1 of each 256-bit frame, indicating the frame
alignment of the RDLSIG[x] fractional E1 data
stream.
0
1
Receive CRC multiframe output:
RFP[x] pulses high for 1 RCLKO[x] cycle during bit
1 of frame 1 of every 16 frame CRC multiframe,
indicating the CRC multiframe alignment of the
RDLSIG[x] fractional E1 data stream. (Even when
CRC multiframing is disabled, the RFP[x] output
continues to indicate the position of bit 1 of the FAS
frame every 16th frame.)
1
0
Receive signaling multiframe output:
RFP[x] pulses high for 1 RCLKO[x] cycle during bit
1 of frame 1 of the 16 frame signaling multiframe,
indicating the signaling multiframe alignment of the
RDLSIG[x] fractional E1 data stream. (Even when
signaling multiframing is disabled, the RFP[x] output
continues to indicate the position of bit 1 of every
16th frame.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com