Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6344 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 67Page - PMC-Sierra, Inc PM6344 Datasheet HTML 68Page - PMC-Sierra, Inc PM6344 Datasheet HTML 69Page - PMC-Sierra, Inc PM6344 Datasheet HTML 70Page - PMC-Sierra, Inc PM6344 Datasheet HTML 71Page - PMC-Sierra, Inc PM6344 Datasheet HTML 72Page - PMC-Sierra, Inc PM6344 Datasheet HTML 73Page - PMC-Sierra, Inc PM6344 Datasheet HTML 74Page - PMC-Sierra, Inc PM6344 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
58
ROHM
BRXSMFP
BRXCMFP
Result
0
1
0
Backplane receive signaling multiframe
output:
BRFPO[x] pulses high for 1 BRCLK cycle
(or 1 RCLKO[x] cycle if ELST is by-passed
or RCLKOSEL is set to logic 1) during bit 1
of frame 1 of the 16 frame signaling
multiframe, indicating the signaling
multiframe alignment of the BRPCM[x] data
stream. (Even when signaling multiframing
is disabled, the BRFPO[x] output continues
to indicate the position of bit 1 of every 16th
frame.)
0
1
1
Backplane receive composite multiframe
output:
BRFPO[x] goes high on the falling BRCLK
edge (or RCLKO[x] edge if ELST is by-
passed or RCLKOSEL is set to logic 1)
marking the beginning of bit 1 of frame 1 of
every 16 frame signaling multiframe,
indicating the signaling multiframe
alignment of the BRPCM[x] data stream,
and returns low on the falling BRCLK edge
(or RCLKO[x] edge if ELST is by-passed or
RCLKOSEL is set to logic 1) marking the
end of bit 1 of frame 1 of every 16 frame
CRC multiframe, indicating the CRC
multiframe alignment of the BRPCM[x] data
stream. This mode allows both multiframe
alignments to be decoded externally from
the single BRFPO[x] signal. Note that if the
signaling and CRC multiframe alignments
are coincident, BRFPO[x] will pulse high for
1 BRCLK cycle (or RCLKO[x] cycle if ELST
is by-passed or RCLKOSEL is set to logic 1)
every 16 frames.
1
X
X
Backplane receive overhead output:
BRFPO[x] is high for timeslot 0 and timeslot
16 of each 256-bit frame, indicating the
overhead of the BRPCM[x] data stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com