Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6344 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 75Page - PMC-Sierra, Inc PM6344 Datasheet HTML 76Page - PMC-Sierra, Inc PM6344 Datasheet HTML 77Page - PMC-Sierra, Inc PM6344 Datasheet HTML 78Page - PMC-Sierra, Inc PM6344 Datasheet HTML 79Page - PMC-Sierra, Inc PM6344 Datasheet HTML 80Page - PMC-Sierra, Inc PM6344 Datasheet HTML 81Page - PMC-Sierra, Inc PM6344 Datasheet HTML 82Page - PMC-Sierra, Inc PM6344 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
66
TDPINV,TDNINV:
The TDPINV and TDNINV bits enable the E1 Transmit Interface to logically
invert the signals output on the TDP/TDD[x] and TDN/TFLG [x] multifunction
pins, respectively. When TDPINV is set to logic 1, the TDP/TDD[x] output is
inverted. When TDPINV is set to logic 0, the TDP/TDD[x] output is not
inverted. When TDNINV is set to logic 1, the TDN/TFLG[x] output is inverted.
When TDNINV is set to logic 0, the TDN/TFLG[x] output is not inverted.
TUNI:
The TUNI bit enables the transmit interface to generate unipolar digital
outputs on the TDP/TDD[x] and TDN/TFLG[x] multifunction pins. When TUNI
is set to logic 1, the TDP/TDD[x] and TDN/TFLG[x] multifunction pins become
the unipolar outputs TDD[x] and TFLG[x], updated on the selected TCLKO[x]
edge. When TUNI is set to logic 0, the TDP/TDD[x] and TDN/TFLG[x]
multifunction pins become the bipolar outputs TDP[x] and TDN[x], also
updated on the selected TCLKO[x] edge.
FIFOFULL:
The FIFOFULL bit determines the indication given on the TFLG[x] output pin.
When FIFOFULL is set to logic 1, the TFLG[x] output indicates when the
Digital Jitter Attenuator's FIFO is within 4 bit positions of becoming full.
When FIFOFULL is set to logic 0, the TFLG[x] output indicates when the
Digital Jitter Attenuator's FIFO is within 4 bit positions of becoming empty.
TRISE:
The TRISE bit configures the interface to update the multifunction outputs on
the rising edge of TCLKO[x]. When TRISE is set to logic 1, the interface is
enabled to update the TDP/TDD[x] and TDN/TFLG[x] output pins on the rising
TCLKO[x] edge. When TRISE is set to logic 0, the interface is enabled to
update the outputs on the falling TCLKO[x] edge.
TRZ:
The TRZ bit configures the interface to transmit bipolar return-to-zero
formatted waveforms. When TRZ is set to logic 1, the interface is enabled to
generate the TDP[x] and TDN[x] output signals as RZ waveforms with
duration equal to half the TCLKO[x] period. When TRZ is set to logic 0, the
interface is enabled to generate the TDP[x] and TDN[x] output signals as NRZ
waveforms with duration equal to the TCLKO[x] period, updated on the
selected edge of TCLKO[x]. The TRZ bit can only be used when TUNI and
TRISE are set to logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com