Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6344 Datasheet(PDF) 55 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 55 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 51Page - PMC-Sierra, Inc PM6344 Datasheet HTML 52Page - PMC-Sierra, Inc PM6344 Datasheet HTML 53Page - PMC-Sierra, Inc PM6344 Datasheet HTML 54Page - PMC-Sierra, Inc PM6344 Datasheet HTML 55Page - PMC-Sierra, Inc PM6344 Datasheet HTML 56Page - PMC-Sierra, Inc PM6344 Datasheet HTML 57Page - PMC-Sierra, Inc PM6344 Datasheet HTML 58Page - PMC-Sierra, Inc PM6344 Datasheet HTML 59Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
42
conversion of each data byte, an interrupt is generated to signal the controller to
write the next byte into the Transmit Data Register. After the last data frame byte
is transmitted, the CRC word (if CRC insertion has been enabled), or a flag (if
CRC insertion has not been enabled) is transmitted. The XFDL then returns to
the transmission of flag characters.
If there are more than five consecutive ones in the raw transmit data or in the
CRC data, a zero is stuffed into the serial data output. This prevents the
unintentional transmission of flag or abort characters.
Abort characters can be continuously transmitted at any time by setting a control
bit. During transmission, an underrun situation can occur if data is not written to
the Transmit Data Register before the previous byte has been depleted. In this
case, an abort sequence is transmitted, and the controlling processor is notified
via the TDLUDR signal. Optionally, the interrupt and underrun signals can be
independently enabled to also generate an interrupt on the INTB output,
providing a means to notify the controlling processor of changes in the XFDL
operating status.
When the internal HDLC transmitter is disabled, the serial data to be transmitted
on data link can be input on the TDLSIG pin timed to the clock rate output on the
TDLCLK pin.
8.12 Digital Jitter Attenuator (DJAT)
The Digital Jitter Attenuation function is provided by the Digital Jitter Attenuator
(DJAT) block. The DJAT block receives jittered E1 data in NRZ format from TRAN
on two separate inputs, which allows bipolar violations to pass through the block
uncorrected. The incoming data streams are stored in a FIFO timed to the
transmit clock (either BTCLK[x] or RCLKO[x]). The respective input data emerges
from the FIFO timed to the jitter attenuated clock (TCLKO[x]) referenced to either
TCLKI[x], BTCLK[x], or RCLKO[x].
The jitter attenuator generates the jitter-free 2.048 MHz TCLKO[x] output transmit
clock by adaptively dividing the 49.152 MHz XCLK signal according to the phase
difference between the generated TCLKO[x] and input data clock to DJAT (either
BTCLK[x] or RCLKO[x]). Fluctuations in the phase of the input data clock are
attenuated by the phase-locked loop within DJAT so that the frequency of
TCLKO[x] is equal to the average frequency of the input data clock. Phase
fluctuations with a jitter frequency above 8.8 Hz are attenuated by 6 dB per
octave of jitter frequency. Wandering phase fluctuations with frequencies below
8.8 Hz are tracked by the generated TCLKO[x]. To provide a smooth flow of data
out of DJAT, TCLKO[x] is used to read data out of the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com