Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6344 Datasheet(PDF) 51 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 51 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 47Page - PMC-Sierra, Inc PM6344 Datasheet HTML 48Page - PMC-Sierra, Inc PM6344 Datasheet HTML 49Page - PMC-Sierra, Inc PM6344 Datasheet HTML 50Page - PMC-Sierra, Inc PM6344 Datasheet HTML 51Page - PMC-Sierra, Inc PM6344 Datasheet HTML 52Page - PMC-Sierra, Inc PM6344 Datasheet HTML 53Page - PMC-Sierra, Inc PM6344 Datasheet HTML 54Page - PMC-Sierra, Inc PM6344 Datasheet HTML 55Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
38
counter reaches 0. This algorithm biases OOF occurrences, leading to
declaration of red alarm when intermittent loss of frame alignment occurs.
8.4
Performance Monitor Counters (PMON)
The Performance Monitor Counters function is provided by the Performance
Monitor (PMON) block that accumulates CRC error events, frame
synchronization bit error events, line code violation events, and far end block
error events with saturating counters over consecutive intervals as defined by the
period of the supplied transfer clock signal (typically 1 second). When the transfer
clock signal is applied, the PMON block transfers the counter values into holding
registers and resets the counters to begin accumulating events for the interval.
The counters are reset in such a manner that error events occurring during the
reset are not missed. If enabled, an interrupt is generated whenever counter data
is transferred into the holding registers. If the holding registers are not read
between successive transfer clocks, an OVERRUN register bit is asserted.
Generation of the transfer clock within the EQUAD chip is performed by writing to
any counter register location (X4AH to X4FH) or by writing to the EQUAD
Revision/Chip ID/Global PMON Update register (00CH). The holding register
addresses are contiguous to facilitate polling operations.
8.5
HDLC Receiver (RFDL)
The HDLC Receiver function is provided by the RFDL block. The RFDL is a
microprocessor peripheral used to receive LAPD/HDLC frames on either Time
Slot 16 or the National Use bits of Time Slot 0.
The RFDL detects the change from flag characters to the first byte of data,
removes stuffed zeros on the incoming data stream, receives frame data, and
calculates the CRC Q.921 frame check sequence (FCS).
Received data is placed into a 4-level FIFO buffer. The Status Register contains
bits which indicate overrun, end of message, flag detected, and buffered data
available.
On end of message, the Status Register also indicates the FCS status and the
number of valid bits in the final data byte. Interrupts are generated when one,
two or three bytes (programmable via the RFDL configuration register) are stored
in the FIFO buffer. Interrupts are also generated when the terminating flag
sequence, abort sequence, or FIFO buffer overrun are detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com