Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6344 Datasheet(PDF) 34 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 34 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 30Page - PMC-Sierra, Inc PM6344 Datasheet HTML 31Page - PMC-Sierra, Inc PM6344 Datasheet HTML 32Page - PMC-Sierra, Inc PM6344 Datasheet HTML 33Page - PMC-Sierra, Inc PM6344 Datasheet HTML 34Page - PMC-Sierra, Inc PM6344 Datasheet HTML 35Page - PMC-Sierra, Inc PM6344 Datasheet HTML 36Page - PMC-Sierra, Inc PM6344 Datasheet HTML 37Page - PMC-Sierra, Inc PM6344 Datasheet HTML 38Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
21
Pin Name
Type
Pin No.
Function
BTFP[1]
BTFP[2]
BTFP[3]
BTFP[4]
Input
69
70
71
72
Backplane Transmit Frame Pulse (BTFP[4:1]). These
inputs are used to frame align the transmitters to the
system backplane. If basic frame alignment only is
required, a pulse at least 1 BTCLK[x] cycle wide must
be provided on BTFP[x] at multiples of 256 bit periods.
If multiframe alignment is required, transmit multiframe
alignment must be enabled, and BTFP[x] must be
brought high to mark bit 1 of frame 1 of every 16 frame
signaling multiframe and brought low following bit 1 of
frame 1 of every 16 frame CRC multiframe. This mode
allows both multiframe alignments to be independently
controlled using the single BTFP[x] signal. Note that if
the signaling and CRC multiframe alignments are
coincident, BTFP[x] must pulse high for 1 BTCLK[x]
cycle every 16 frames. If register bit BTFPREF is set to
logic 1, BTFP[x] becomes the reference frame pulse for
the associated interface.
If frame alignment is not required, BTFP[x] may be tied
to logic high or low.
MTFP
Multiplexed Transmit Frame Pulse (MTFP). MTFP
shares a pin with BTFP[1]. BTFP[4:2] are unused when
the multiplex enable (MENB) input is asserted low.
When the multiplex enable (MENB) input is asserted
low, MTFP indicates the frame alignment of the bit
interleaved PCM and signaling streams in the same way
as BTFP[x]. If basic frame alignment only is required, a
pulse 1 MTCLK cycle wide must be provided on MTFP
at multiples of 2048 clock periods. If multiframe
alignment is required, transmit multiframe alignment
must be enabled, and MTFP must be brought high to
mark bit 1 of frame 1 of the first multiplexed PCM
stream (destined for transmitter number one) of every
16 frame signaling multiframe and brought low following
bit 1 of frame 1 of the first multiplexed PCM stream of
every 16 frame CRC multiframe. This mode allows both
multiframe alignments to be independently controlled
using the single MTFP signal. All four interfaces will
have the same frame alignment. Note that if the
signaling and CRC multiframe alignments are
coincident, MTFP must pulse high for 1 MTCLK cycle
every 16 frames (32768 clock cycles). MTFP is
sampled on the rising edge of MTCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com