Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285A Datasheet(PDF) 55 Page - STMicroelectronics

Part # STLUX285A
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285A Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STLUX285A Datasheet HTML 51Page - STMicroelectronics STLUX285A Datasheet HTML 52Page - STMicroelectronics STLUX285A Datasheet HTML 53Page - STMicroelectronics STLUX285A Datasheet HTML 54Page - STMicroelectronics STLUX285A Datasheet HTML 55Page - STMicroelectronics STLUX285A Datasheet HTML 56Page - STMicroelectronics STLUX285A Datasheet HTML 57Page - STMicroelectronics STLUX285A Datasheet HTML 58Page - STMicroelectronics STLUX285A Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 126 page
background image
DocID027870 Rev 1
55/126
STLUX
Memory and register map
126
8.2.17
State machine event driven (SMEDs)
The SMED<n> address register is:
ADD_REG = (5500h + (40h) * n) + offset
where <n> is the SMED instance number 0 - 5.
Table 31. SMED register map
Address (offset)
Block
Register name
Register description
0x00
SMED<n>
SMD<n>_CTR
Control
0x01
SMD<n>_CTR_TMR
Control time
0x02
SMD<n>_CTR_INP
Control input
0x03
SMD<n>_CTR_DTR
Dithering
0x04
SMD<n>_TMR_T0L
Time T0 LSB
0x05
SMD<n>_TMR_T0H
Time T0 MSB
0x06
SMD<n>_TMR_T1L
Time T1 LSB
0x07
SMD<n>_TMR_T1H
Time T1 MSB
0x08
SMD<n>_TMR_T2L
Time T2 LSB
0x09
SMD<n>_TMR_T2H
Time T2 MSB
0x0A
SMD<n>_TMR_T3L
Time T3 LSB
0x0B
SMD<n>_TMR_T3H
Time T3 MSB
0x0C
SMD<n>_PRM_ID0
IDLE state parameter0
0x0D
SMD<n>_PRM_ID1
IDLE state parameter1
0x0E
SMD<n>_PRM_ID2
IDLE state parameter2
0x0F
SMD<n>_PRM_S00
S0 state parameter0
0x10
SMD<n>_PRM_S01
S0 state parameter1
0x11
SMD<n>_PRM_S02
S0 state parameter2
0x12
SMD<n>_PRM_S10
S1 state parameter0
0x13
SMD<n>_PRM_S11
S1 state parameter1
0x14
SMD<n>_PRM_S12
S1 state parameter2
0x15
SMD<n>_PRM_S20
S2 state parameter0
0x16
SMD<n>_PRM_S21
S2 state parameter1
0x17
SMD<n>_PRM_S22
S2 state parameter2
0x18
SMD<n>_PRM_S30
S3 state parameter0
0x19
SMD<n>_PRM_S31
S3 state parameter1
0x1A
SMD<n>_PRM_S32
S3 state parameter2
0x1B
SMD<n>_CFG
Timer configuration register
0x1C
SMD<n>_DMP_L
Counter dump LSB
0x1D
SMD<n>_DMP_H
Counter dump MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com