Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285A Datasheet(PDF) 69 Page - STMicroelectronics

Part # STLUX285A
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285A Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STLUX285A Datasheet HTML 65Page - STMicroelectronics STLUX285A Datasheet HTML 66Page - STMicroelectronics STLUX285A Datasheet HTML 67Page - STMicroelectronics STLUX285A Datasheet HTML 68Page - STMicroelectronics STLUX285A Datasheet HTML 69Page - STMicroelectronics STLUX285A Datasheet HTML 70Page - STMicroelectronics STLUX285A Datasheet HTML 71Page - STMicroelectronics STLUX285A Datasheet HTML 72Page - STMicroelectronics STLUX285A Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 126 page
background image
DocID027870 Rev 1
69/126
STLUX
Option bytes
126
10.2
Option byte register description
The option byte registers are mapped inside the E²PROM data region.
ROP (memory readout protection register)
Bit 7 - 0:
ROP [7:0] memory readout protection:
0xAA: enable readout protection. When readout protection is enabled, reading or
modifying the Flash program memory and DATA area in ICP mode (using the SWIM
interface) is forbidden, whatever the write protection settings are.
UBC (UBC user boot code register)
Bit 7 - 0:
UBC [7:0] user boot code write protection memory size: 0x00: no UBC, no Flash
memory write-protection
0x01: pages 0 to 1 defined as UBC; 1 Kbyte memory write-protected (0x00.8000-
0x00.83FF)
0x02: pages 0 to 3 defined as UBC; 2 Kbyte memory write-protected (0x00.8000-
0x00.87FF)
0x03: pages 0 to 4 defined as UBC; 2.5 Kbyte memory write-protected (0x00.8000-
0x00.89FF)
... (512 byte every page)
0x3E: pages 0 to 63 defined as UBC; 32 Kbyte memory write-protected (0x00.8000-
0x00.FFFF)
Other values: reserved.
Table 41. ROP (memory readout protection register)
Offset: 0x004800
Default value: 0x00
7
6
5
432
1
0
ROP [7:0]
r/w
Table 42. UBC (UBC user boot code register)
Offset: 0x004801
Default value: 0x00
76
5
4
3
2
1
0
UBC [7:0]
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com