Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285A Datasheet(PDF) 25 Page - STMicroelectronics

Part # STLUX285A
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STLUX285A Datasheet HTML 21Page - STMicroelectronics STLUX285A Datasheet HTML 22Page - STMicroelectronics STLUX285A Datasheet HTML 23Page - STMicroelectronics STLUX285A Datasheet HTML 24Page - STMicroelectronics STLUX285A Datasheet HTML 25Page - STMicroelectronics STLUX285A Datasheet HTML 26Page - STMicroelectronics STLUX285A Datasheet HTML 27Page - STMicroelectronics STLUX285A Datasheet HTML 28Page - STMicroelectronics STLUX285A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 126 page
background image
DocID027870 Rev 1
25/126
STLUX
Product overview
126
5.5.2
Internal 153.6 kHz RC oscillator (LSI)
The low speed internal (LSI) clock is a low speed clock line provided by an internal RC
circuit. It drives both the independent watchdog (IWDG) circuit and the auto-wakeup unit
(AWU). It can also be used as a low power clock line for the master clock fMASTER.
5.5.3
Internal 96 MHz PLL
The PLL provides a high frequency 96 MHz clock used to generate high frequency and
accurate PWM waveforms. The input reference clock must be 16 MHz and may be sourced
either by the internal HSI signal or by the external HSE auxiliary input crystal oscillator line.
The internal PLL prescaled clock cannot be selected as fMASTER.
Note:
When the application requires a PWM signal with a custom defined long term stability, it is
suggested to use an external clock source connected to the HSE auxiliary clock line as
a PLL input reference clock. In this case, the external clock source accuracy determines the
PWM output stability.
5.5.4
External clock input/crystal oscillator (HSE)
The high speed external clock (HSE) allows the connection of an external clock generated,
for example, by a highly accurate crystal oscillator. The HSE is interconnected with the
fMASTER clock line and to several peripherals. It allows users to provide a custom clock
characterized by a high level of precision and stability to meet the application requirements.
The HSE supports two possible external clock sources with a maximum of 24 MHz:
Crystal/ceramic resonator interconnected with the HseOscin/HseOscout signals
Direct drive clock interconnected with the HseOscin signal
The HseOscin and HseOscout signals are multifunction pins configurable through the I/O
multiplex mechanism; for further information refer to Section 7: I/O multifunction signal
configuration on page 35.
Note:
When the HSE is configured as the fMASTER source clock, the HSE input frequency cannot
be higher than 16 MHz.
When the HSE is the PLL input reference clock, then the HSE input frequency must be
equal to 16 MHz.
If the HSE is the reference for the SMED or the ADC logic, the input frequency can be
configured up to 24 MHz.
5.6
Power management
For efficient power management, the application can be put in one of four different low
power modes. Users can configure each mode to obtain the best compromise between the
lowest power consumption, the fastest startup time and available wakeup sources.
Wait mode: in this mode, the CPU is stopped, but peripherals are kept running. The
wakeup is triggered by an internal or external interrupt or reset.
Active halt mode with regulator on: in this mode, the CPU and peripheral clocks are
stopped. An internal wakeup is generated at programmable intervals by the auto-
wakeup unit (AWU). The main voltage regulator is kept powered on, so current
consumption is higher than in the active halt mode with the regulator off, but the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com